Electronic Components Datasheet Search
  English  ▼

X  

OPA659 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659
Description  Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA659 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA659 Datasheet HTML 14Page - Texas Instruments OPA659 Datasheet HTML 15Page - Texas Instruments OPA659 Datasheet HTML 16Page - Texas Instruments OPA659 Datasheet HTML 17Page - Texas Instruments OPA659 Datasheet HTML 18Page - Texas Instruments OPA659 Datasheet HTML 19Page - Texas Instruments OPA659 Datasheet HTML 20Page - Texas Instruments OPA659 Datasheet HTML 21Page - Texas Instruments OPA659 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
External
Pin
Internal
Circuitry
-VCC
+
V
CC
Input and ESD Protection
OPA659
SBOS342 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
well
as
a
doubly-terminated
line.
If
the
input
impedance of the destination device is low, there will
be some signal attenuation as a result of the voltage
divider
formed
by
the
series
output
into
the
terminating impedance.
e) Socketing a high-speed part such as the
OPA659 is not recommended. The additional lead
length and pin-to-pin capacitance introduced by the
socket can create an extremely troublesome parasitic
Figure 39. Internal ESD Protection
network that can make it almost impossible to
achieve a smooth, stable frequency response. Best
These diodes provide moderate protection to input
results are obtained by soldering the OPA659 directly
overdrive voltages above the supplies as well. The
onto the board.
protection
diodes
can
typically
support
30mA
continuous
current.
Where
higher
currents
are
possible (for example, in systems with ±12V supply
The OPA659 is built using a very high-speed
parts driving into the OPA659), current limiting series
complementary bipolar process. The internal junction
resistors should be added into the two inputs. Keep
breakdown voltages are relatively low for these very
these resistor values as low as possible because high
small geometry devices. These breakdowns are
values
degrade
both
noise
performance
and
reflected in the Absolute Maximum Ratings table. All
frequency response.
device pins are protected with internal ESD protection
diodes to the power supplies, as Figure 39 shows.
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com