Electronic Components Datasheet Search
  English  ▼

X  

GI321 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GI321
Description  Incremental encoders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI321 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GI321 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI321 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
2
GI321
Part number
GI321. 0
41
See part number (pulses)
E-connection
41 Cable 1 m, radial
Voltage supply / signals
22 5 VDC / TTL linedriver
60 10…30 VDC / push-pull
Shaft
0 End shaft ø4 mm IP 54
Micro series, with end shaft
Resolution 30...1024 pulses
Part number (pulses)
38 (30)
06 (200)
17 (600)
40 (60)
11 (300)
22 (1000)
41 (100)
13 (360)
23 (1024)
Other pulse numbers upon request.
Example: ordering key 23 = 1024 pulses
Core colour Assignment
green
Track A
yellow
Track B
grey
Track N (zero pulse)
brown
UB
white
GND
transparent Shield/Housing
Terminal assignment
Dimensions
20
25
3.95
20
max.8
min. 2.65
ø2.2
12
±3°
ø33
ø2
9
Mounting surface
Spring
washer
Cylindrical
screw
M1.6x6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com