Electronic Components Datasheet Search
  English  ▼

X  

GI331 Datasheet(PDF) 4 Page - Baumer IVO GmbH & Co. KG

Part # GI331
Description  Incremental encoders
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI331 Datasheet(HTML) 4 Page - Baumer IVO GmbH & Co. KG

  GI331 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI331 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GI331 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GI331 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
4
Dimensions
51.5
1
46
13
58
3.5
(9.5)
15
16.6
GI333 hollow shaft and clamping ring on housing
GI331, GI333 connector dimensions
51
46
1
13
15 (9.5) ø58
5
1
46
16.6
15 (9.5)
58
3.5
M3 x 6
GI331 hollow shaft and pin
GI331, GI333
Hollow shaft max. ø12 mm
Resolution 5...6000 pulses
Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com