Electronic Components Datasheet Search
  English  ▼

X  

GI341 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GI341
Description  Incremental encoders
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI341 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GI341 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI341 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GI341 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GI341 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
2
GI341, GI342 - incretivo
Part number
GI341.
71
See part number (pulses)
E-connection
71 Cable 1 m, tangential
Voltage supply / signals
22 5 VDC / linedriver RS422
70 4.75...30 VDC / push-pull
72 4.75...30 VDC / linedriver
RS422 (5 VDC)
Hollow shaft
A End shaft ø12 mm center mounting
B End shaft ø10 mm center mounting
C End shaft ø14 mm center mounting
G End shaft ø15 mm center mounting
GI342.
71
See part number (pulses)
E-connection
71 Cable 1 m, tangential
Voltage supply / signals
22 5 VDC / linedriver RS422
70 4.75...30 VDC / push-pull
72 4.75...30 VDC / linedriver
RS422 (5 VDC)
Hollow shaft
A Hollow shaft ø12 mm clamping ring on flange
B Hollow shaft ø10 mm clamping ring on flange
C Hollow shaft ø14 mm clamping ring on flange
G Hollow shaft ø15 mm clamping ring on flange
Part number (pulses)
49 (5)
41 (100)
14 (400)
26 (1500)
36 (10)
57 (128)
15 (500)
29 (2048)
50 (25)
06 (200)
22 (1000)
39 (50)
09 (250)
23 (1024)
40 (60)
13 (360)
24 (1250)
Accessories
Mounting accessories (page %S)
Z 119.023
Spring coupling for encoders with ø58 mm
housing
Z 119.036
Rubber buffer element 7.5 mm long, as torque
support
Z 119.040
Shoulder screw M5 as torque support
Z 119.068
Spring coupling
Hollow or end shaft max. ø15 mm
Resolution 5...2048 pulses
Other pulse numbers upon request.
Example: ordering key 23 = 1024 pulses
Configurations with commutation tracks on request
End shaft
Hollow shaft



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com