Electronic Components Datasheet Search
  English  ▼

X  

IP4281CZ10 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IP4281CZ10
Description  ESD protection for high-speed interfaces
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4281CZ10 Datasheet(HTML) 3 Page - NXP Semiconductors

  IP4281CZ10 Datasheet HTML 1Page - NXP Semiconductors IP4281CZ10 Datasheet HTML 2Page - NXP Semiconductors IP4281CZ10 Datasheet HTML 3Page - NXP Semiconductors IP4281CZ10 Datasheet HTML 4Page - NXP Semiconductors IP4281CZ10 Datasheet HTML 5Page - NXP Semiconductors IP4281CZ10 Datasheet HTML 6Page - NXP Semiconductors IP4281CZ10 Datasheet HTML 7Page - NXP Semiconductors IP4281CZ10 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IP4281CZ10_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 25 September 2008
3 of 8
NXP Semiconductors
IP4281CZ10
ESD protection for high-speed interfaces
6.
Characteristics
[1]
This parameter is guaranteed by design.
Table 5.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VBRzd
Zener diode breakdown voltage
I = 1 mA
6
-
9
V
ILRzd
Zener diode reverse leakage current
per TMDS channel; V = 3.0 V
-
-
1
µA
VF
forward voltage
-
0.7
-
V
Cch(TMDS)
TMDS channel capacitance
f = 1 MHz; Vbias = 2.5 V
[1] -
0.7
-
pF
∆Cch(TMDS)
TMDS channel capacitance difference f = 1 MHz; Vbias = 2.5 V
[1] -
0.05 -
pF
Cch(mutual)
mutual channel capacitance
between signal pin and pin n.c.;
f = 1 MHz; Vbias = 2.5 V
[1] -
0.07 -
pF
Rdyn
dynamic resistance
I = 1 A, Tamb = 25 °C; IEC 61000-4-5/9
positive transient
-
2.4
-
Ω
negative transient
-
1.3
-
Ω
VCL(ch)trt(pos) positive transient channel clamping
voltage
Vesd = 8 kV HBM; Tamb =25 °C-
8
-
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com