Electronic Components Datasheet Search
  English  ▼

X  

LM75B Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LM75B
Description  Digital temperature sensor and thermal watchdog
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75B Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LM75B Datasheet HTML 15Page - NXP Semiconductors LM75B Datasheet HTML 16Page - NXP Semiconductors LM75B Datasheet HTML 17Page - NXP Semiconductors LM75B Datasheet HTML 18Page - NXP Semiconductors LM75B Datasheet HTML 19Page - NXP Semiconductors LM75B Datasheet HTML 20Page - NXP Semiconductors LM75B Datasheet HTML 21Page - NXP Semiconductors LM75B Datasheet HTML 22Page - NXP Semiconductors LM75B Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
LM75B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 December 2008
19 of 29
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
Fig 13. Average supply current versus temperature;
I2C-bus inactive
Fig 14. Average supply current versus temperature;
I2C-bus active
Fig 15. Shutdown mode supply current
versus temperature
Fig 16. LOW-level output voltage on pin OS
versus temperature; IOL =4mA
Fig 17. LOW-level output voltage on pin SDA
versus temperature; IOL =4mA
Fig 18. Typical temperature accuracy versus
temperature; VCC = 3.3 V
100
200
300
IDD(AV)
(
µA)
0
Tamb (°C)
−75
125
75
−25
25
002aae198
VCC = 5.5 V
4.5 V
3.3 V
2.8 V
100
200
300
IDD(AV)
(
µA)
0
Tamb (°C)
−75
125
75
−25
25
002aae199
VCC = 5.5 V
4.5 V
3.3 V
2.8 V
0.2
0.3
0.1
0.4
0.5
IDD(sd)
(
µA)
0
Tamb (°C)
−75
125
75
−25
25
002aae200
VCC = 5.5 V
4.5 V
3.3 V
2.8 V
0.2
0.3
0.1
0.4
0.5
VOL(OS)
(V)
0
Tamb (°C)
−75
125
75
−25
25
002aae201
VCC = 5.5 V
4.5 V
3.3 V
2.8 V
0.2
0.3
0.1
0.4
0.5
VOL(SDA)
(V)
0
Tamb (°C)
−75
125
75
−25
25
002aae202
VCC = 5.5 V
4.5 V
3.3 V
2.8 V
−2.0
1.0
0
−1.0
2.0
Tacc
(
°C)
Tamb (°C)
−75
125
75
−25
25
002aae203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com