Electronic Components Datasheet Search
  English  ▼

X  

LM75BDP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LM75BDP
Description  Digital temperature sensor and thermal watchdog
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75BDP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LM75BDP Datasheet HTML 6Page - NXP Semiconductors LM75BDP Datasheet HTML 7Page - NXP Semiconductors LM75BDP Datasheet HTML 8Page - NXP Semiconductors LM75BDP Datasheet HTML 9Page - NXP Semiconductors LM75BDP Datasheet HTML 10Page - NXP Semiconductors LM75BDP Datasheet HTML 11Page - NXP Semiconductors LM75BDP Datasheet HTML 12Page - NXP Semiconductors LM75BDP Datasheet HTML 13Page - NXP Semiconductors LM75BDP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LM75B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 December 2008
10 of 29
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
7.5 OS output and polarity
The OS output is an open-drain output and its state represents results of the device
watchdog operation as described in Section 7.1. In order to observe this output state, an
external pull-up resistor is needed. The resistor should be as large as possible, up to
200 k
Ω, to minimize the Temp reading error due to internal heating by the high OS sinking
current.
The OS output active state can be selected as HIGH or LOW by programming bit B2
(OS_POL) of register Conf: setting bit OS_POL to logic 1 selects OS active HIGH and
setting bit B2 to logic 0 sets OS active LOW. At power-up, bit OS_POL is equal to logic 0
and the OS active state is LOW.
7.6 OS comparator and interrupt modes
As described in Section 7.1, the device OS output responds to the result of the
comparison between register Temp data and the programmed limits, in registers Tos and
Thyst, in different ways depending on the selected OS mode: OS comparator or
OS interrupt. The OS mode is selected by programming bit B1 (OS_COMP_INT) of
register Conf: setting bit OS_COMP_INT to logic 1 selects the OS interrupt mode, and
setting to logic 0 selects the OS comparator mode. At power-up, bit OS_COMP_INT is
equal to logic 0 and the OS comparator is selected.
The main difference between the two modes is that in OS comparator mode, the OS
output becomes active when Temp has exceeded Tth(ots) and reset when Temp has
dropped below Thys, reading a register or putting the device into shutdown mode does not
change the state of the OS output; while in OS interrupt mode, once it has been activated
either by exceeding Tth(ots) or dropping below Thys, the OS output will remain active
indefinitely until reading a register, then the OS output is reset.
Temperature limits Tth(ots) and Thys must be selected so that Tth(ots) > Thys. Otherwise, the
OS output state will be undefined.
Table 12.
Tos and Thyst limit data and value
11-bit binary
(2’s complement)
Hexadecimal value
Decimal value
Value
0 1111 1010
0FA
250
+125.0
°C
0 0011 0010
032
50
+25.0
°C
0 0000 0001
001
1
+0.5
°C
0 0000 0000
000
0
0.0
°C
1 1111 1111
1FF
−1
−0.5 °C
1 1100 1110
1CE
−50
−25.0 °C
1 1001 0010
192
−110
−55.0 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com