Electronic Components Datasheet Search
  English  ▼

X  

LPC2144 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # LPC2144
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2144 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button LPC2144 Datasheet HTML 32Page - NXP Semiconductors LPC2144 Datasheet HTML 33Page - NXP Semiconductors LPC2144 Datasheet HTML 34Page - NXP Semiconductors LPC2144 Datasheet HTML 35Page - NXP Semiconductors LPC2144 Datasheet HTML 36Page - NXP Semiconductors LPC2144 Datasheet HTML 37Page - NXP Semiconductors LPC2144 Datasheet HTML 38Page - NXP Semiconductors LPC2144 Datasheet HTML 39Page - NXP Semiconductors LPC2144 Datasheet HTML 40Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
LPC2141_42_44_46_48_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 17 November 2008
38 of 40
NXP Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
13. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
LPC2141_42_44_46_48_4
20081117
Product data sheet
-
LPC2141_42_44_46_48_3
Modifications:
• Replaced all occurrences of VPB with APB.
• Table 3: clarified which pins do/don’t have internal pull-ups.
• Table 4: changed storage temperature range from
−40 °C/125 °C to −65 °C/150 °C.
• Table 5: added Table note 7 to input voltage spec.
• Table 5: modified Table note 9.
• Table 5: moved hysteresis voltage (0.4 V) from typ to min column.
• Figure 8: updated figure and figure title, removed note
LPC2141_42_44_46_48_3
20071019
Product data sheet
-
LPC2141_42_44_46_48_2
LPC2141_42_44_46_48_2
20060828
Product data sheet
-
LPC2141_42_44_46_48_1
LPC2141_42_44_46_48_1
20051003
Preliminary data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com