Electronic Components Datasheet Search
  English  ▼

X  

LPC2378 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC2378
Description  Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2378 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC2378 Datasheet HTML 35Page - NXP Semiconductors LPC2378 Datasheet HTML 36Page - NXP Semiconductors LPC2378 Datasheet HTML 37Page - NXP Semiconductors LPC2378 Datasheet HTML 38Page - NXP Semiconductors LPC2378 Datasheet HTML 39Page - NXP Semiconductors LPC2378 Datasheet HTML 40Page - NXP Semiconductors LPC2378 Datasheet HTML 41Page - NXP Semiconductors LPC2378 Datasheet HTML 42Page - NXP Semiconductors LPC2378 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
LPC2377_78_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 19 November 2008
39 of 55
NXP Semiconductors
LPC2377/78
Single-chip 16-bit/32-bit microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages
[2]
The RTC typically fails when Vi(VBAT) drops below 1.6 V.
[3]
Including voltage on outputs in 3-state mode.
[4]
VDD(3V3) supply voltages must be present.
[5]
3-state outputs go into 3-state mode when VDD(3V3) is grounded.
[6]
Please also see the errata note in errata sheet.
[7]
Accounts for 100 mV voltage drop in all supply lines.
[8]
Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[9]
Minimum condition for VI = 4.5 V, maximum condition for VI = 5.5 V.
[10] On pin VBAT.
[11] To VSS.
[12] Includes external resistors of 18
Ω± 1 % on D+ and D−.
VDI
differential input
sensitivity
|(D+) − (D−)|
0.2
-
-
V
VCM
differential common
mode voltage range
includes VDI range
0.8
-
2.5
V
Vth(rs)se
single-ended receiver
switching threshold
voltage
0.8
-
2.0
V
VOL
LOW-level output
voltage for
low-/full-speed
RL of 1.5 kΩ to 3.6 V
-
-
0.18
V
VOH
HIGH-level output
voltage (driven) for
low-/full-speed
RL of 15 kΩ to GND
2.8
-
3.5
V
Ctrans
transceiver
capacitance
pin to GND
-
-
20
pF
ZDRV
driver output
impedance for driver
which is not
high-speed capable
with 33
Ω series resistor;
steady state drive
[12] 36
-
44.1
Ω
Rpu
pull-up resistance
SoftConnect = ON
1.1
-
1.9
k
Ω
Table 5.
Static characteristics …continued
Tamb = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com