Electronic Components Datasheet Search
  English  ▼

X  

ATR0874 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR0874
Description  10-channel High Speed Photo Detector IC for DVD/CD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0874 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR0874 Datasheet HTML 1Page - ATMEL Corporation ATR0874 Datasheet HTML 2Page - ATMEL Corporation ATR0874 Datasheet HTML 3Page - ATMEL Corporation ATR0874 Datasheet HTML 4Page - ATMEL Corporation ATR0874 Datasheet HTML 5Page - ATMEL Corporation ATR0874 Datasheet HTML 6Page - ATMEL Corporation ATR0874 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
4972AS–DVD–04/07
ATR0874 [Preliminary]
3.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Value
Unit
Supply voltage
VCC
–0.5 to +6.0
V
Input voltage at any input
Vin
–0.5 to VCC – 0.5
V
Storage temperature
Tstg
–40 to +100
°C
Soldering temperature COB package
Tsol
235
°C
Soldering temperature QFN_Open package
Tsol
260
°C
4.
Recommended Operating Conditions
Parameters
Symbol
Value
Unit
Supply voltage
VCC
4.5 to 5.5
V
Reference voltage
VREF
1.5 to 2.3
V
Operating temperature range
Tamb
0 to +80
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com