Electronic Components Datasheet Search
  English  ▼

X  

PCA9518D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9518D
Description  Expandable 5-channel I2C-bus hub
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9518D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9518D Datasheet HTML 1Page - NXP Semiconductors PCA9518D Datasheet HTML 2Page - NXP Semiconductors PCA9518D Datasheet HTML 3Page - NXP Semiconductors PCA9518D Datasheet HTML 4Page - NXP Semiconductors PCA9518D Datasheet HTML 5Page - NXP Semiconductors PCA9518D Datasheet HTML 6Page - NXP Semiconductors PCA9518D Datasheet HTML 7Page - NXP Semiconductors PCA9518D Datasheet HTML 8Page - NXP Semiconductors PCA9518D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
PCA9518_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 2 December 2008
2 of 21
NXP Semiconductors
PCA9518
Expandable 5-channel I2C-bus hub
2.
Features
I Expandable 5 channel, bidirectional buffer
I I2C-bus and SMBus compatible
I Active HIGH individual repeater enable inputs
I Open-drain input/outputs
I Lock-up free operation
I Supports arbitration and clock stretching across the repeater
I Accommodates Standard-mode and Fast-mode I2C-bus devices and multiple masters
I Powered-off high-impedance I2C-bus pins
I Operating supply voltage range of 3.0 V to 3.6 V
I 5 V tolerant I2C-bus and enable pins
I 0 Hz to 400 kHz clock frequency2
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Package offerings: SO20 and TSSOP20
3.
Ordering information
2.
The maximum system operating frequency may be less than 400 kHz because of the delays added by the repeater.
Table 1.
Ordering information
Tamb = −40 °C to +85 °C
Type number
Topside mark Package
Name
Description
Version
PCA9518D
PCA9518D
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
PCA9518PW
PCA9518
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com