Electronic Components Datasheet Search
  English  ▼

X  

PCA9518A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9518A
Description  Expandable 5-channel I2C-bus hub
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9518A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9518A Datasheet HTML 9Page - NXP Semiconductors PCA9518A Datasheet HTML 10Page - NXP Semiconductors PCA9518A Datasheet HTML 11Page - NXP Semiconductors PCA9518A Datasheet HTML 12Page - NXP Semiconductors PCA9518A Datasheet HTML 13Page - NXP Semiconductors PCA9518A Datasheet HTML 14Page - NXP Semiconductors PCA9518A Datasheet HTML 15Page - NXP Semiconductors PCA9518A Datasheet HTML 16Page - NXP Semiconductors PCA9518A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PCA9518A_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 3 December 2008
13 of 23
NXP Semiconductors
PCA9518A
Expandable 5-channel I2C-bus hub
10. Dynamic characteristics
[1]
For operation between published voltage ranges, refer to worst-case parameter in both ranges.
[2]
The SDA and SCL propagation delays are dominated by rise times or fall times. The fall times are mostly internally controlled and are
only sensitive to load capacitance. The rise times are RC time constant controlled and therefor a specific numerical value can only be
given for fixed RC time constants.
[3]
The SDA HIGH to LOW propagation delay includes the fall time from VDD to 0.5VDD of the EXPSDA1 or EXPSCL1 pins and the SDA or
SCL fall time from the quiescent HIGH (usually VDD) to below 0.3VDD. The SDA and SCL outputs have edge rate control circuits
included which make the fall time almost independent of load capacitance.
[4]
The SDA or SCL LOW to HIGH propagation delay includes the rise time constant from the quiescent LOW to 0.5VDD for the EXPSDA1
or EXPSCL2, the rise time constant for the quiescent LOW to 0.5VDD for the EXPSDA1 or EXPSCL1, and the rise time constant from
the quiescent external driven LOW to 0.7VDD for the SDA or SCL output. All of these rise times are RC time constants determined by the
external resistance and total capacitance for the various nodes.
Table 6.
Dynamic characteristics
VDD = 3.0 V to 3.6 V[1]; VSS =0V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPHL
HIGH to LOW propagation delay
SDA to SDAn, or
SCL to SCLn; Figure 7
[2][3] 105
202
389
ns
tPLH
LOW to HIGH propagation delay
SDA to SDAn, or
SCL to SCLn; Figure 7
[2][4] 110
259
265
ns
tPHL1
HIGH to LOW propagation delay 1
EXPSDA1 to SDA, or
EXPSCL1 to SCL; Figure 7
109
193
327
ns
tPLH1
LOW to HIGH propagation delay 1
EXPSDA1 to SDA, or
EXPSCL1 to SCL; Figure 7
130
153
179
ns
tPLH2
LOW to HIGH propagation delay 2
EXPSDA2 to SDA, or
EXPSCL2 to SCL; Figure 7
160
234
279
ns
tTHL
HIGH to LOW output transition time
SDA, SCL; Figure 7
58
110
187
ns
tTLH
LOW to HIGH output transition time
SDA, SCL; Figure 7
-
0.85 RC
-
ns
tsu
set-up time
enable to START condition
300
-
-
ns
th
hold time
enable after STOP condition
300
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com