Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM7A3 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT91SAM7A3
Description  Incorporates the ARM7TDMI ARM Thumb Processor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A3 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT91SAM7A3 Datasheet HTML 17Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 18Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 19Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 20Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 21Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 22Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 23Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 24Page - ATMEL Corporation AT91SAM7A3 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21
6042DS–ATARM–14-Dec-06
AT91SAM7A3
9.2
Reset Controller
The Reset Controller is based on three power-on reset cells. It gives the status of the last reset,
indicating whether it is a general reset, a wake-up reset, a software reset, a user reset or a
watchdog reset. In addition, it controls the internal resets and the NRST pin output. It shapes a
signal on the NRST line, guaranteeing that the length of the pulse meets any requirement.
9.3
Clock Generator
The Clock Generator embeds one low-power RC Oscillator, one Main Oscillator and one PLL
with the following characteristics:
– RC Oscillator ranges between 22 KHz and 42 KHz
– Main Oscillator frequency ranges between 3 and 20 MHz
– Main Oscillator can be bypassed
– PLL output ranges between 80 and 220 MHz
It provides SLCK, MAINCK and PLLCK.
Figure 9-2.
Clock Generator Block Diagram
9.4
Power Management Controller
The Power Management Controller uses the Clock Generator outputs to provide:
– the Processor Clock PCK
– the Master Clock MCK
– the USB Clock UDPCK
– all the peripheral clocks, independently controllable
– four programmable clock outputs
The Master Clock (MCK) is programmable from a few hundred Hz to the maximum operating fre-
quency of the device.
The Processor Clock (PCK) switches off when entering processor idle mode, thereby reducing
power consumption while waiting an interrupt.
Power
Management
Controller
XIN
XOUT
PLLRC
Slow Clock
SLCK
Main Clock
MAINCK
PLL Clock
PLLCK
Control
Status
Embedded
RC
Oscillator
Main
Oscillator
PLL and
Divider
Clock Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com