Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9261 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT91SAM9261
Description  AT91 ARM Thumb-based Microcontrollers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT91SAM9261 Datasheet HTML 24Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 25Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 26Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 27Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 28Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 29Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 30Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 31Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
28
6062JS–ATARM–06-Feb-08
AT91SAM9261 Preliminary
10. Peripherals
10.1
User Interface
The User Peripherals are mapped in the upper 256 Mbytes of the address space between the
addresses 0xFFFA 0000 and 0xFFFC FFFF. Each User Peripheral is allocated 16 Kbytes of
address space.
A complete memory map is presented in Figure 8-1 on page 16.
10.2
Peripheral Identifiers
Table 10-1 defines the Peripheral Identifiers of the AT91SAM9261. A peripheral identifier is
required for the control of the peripheral interrupt with the Advanced Interrupt Controller and for
the control of the peripheral clock with the Power Management Controller.
Table 10-1.
Peripheral Identifiers
Peripheral ID
Peripheral Mnemonic
Peripheral Name
External Interrupt
0
AIC
Advanced Interrupt Controller
FIQ
1
SYSIRQ
System Interrupt
2
PIOA
Parallel I/O Controller A
3
PIOB
Parallel I/O Controller B
4
PIOC
Parallel I/O Controller C
5-
Reserved
6US0
USART 0
7US1
USART 1
8US2
USART 2
9
MCI
Multimedia Card Interface
10
UDP
USB Device Port
11
TWI
Two-Wire Interface
12
SPI0
Serial Peripheral Interface 0
13
SPI1
Serial Peripheral Interface 1
14
SSC0
Synchronous Serial Controller 0
15
SSC1
Synchronous Serial Controller 1
16
SSC2
Synchronous Serial Controller 2
17
TC0
Timer/Counter 0
18
TC1
Timer/Counter 1
19
TC2
Timer/Counter 2
20
UHP
USB Host Port
21
LCDC
LCD Controller
22 - 28
-
Reserved
29
AIC
Advanced Interrupt Controller
IRQ0
30
AIC
Advanced Interrupt Controller
IRQ1
31
AIC
Advanced Interrupt Controller
IRQ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com