Electronic Components Datasheet Search
  English  ▼

X  

PCA9550DP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9550DP
Description  2-bit I2C-bus LED driver with programmable blink rates
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9550DP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9550DP Datasheet HTML 12Page - NXP Semiconductors PCA9550DP Datasheet HTML 13Page - NXP Semiconductors PCA9550DP Datasheet HTML 14Page - NXP Semiconductors PCA9550DP Datasheet HTML 15Page - NXP Semiconductors PCA9550DP Datasheet HTML 16Page - NXP Semiconductors PCA9550DP Datasheet HTML 17Page - NXP Semiconductors PCA9550DP Datasheet HTML 18Page - NXP Semiconductors PCA9550DP Datasheet HTML 19Page - NXP Semiconductors PCA9550DP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
PCA9550_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 13 October 2008
16 of 26
NXP Semiconductors
PCA9550
2-bit I2C-bus LED driver with programmable blink rates
Fig 19. Definition of RESET timing
SDA
SCL
002aac193
trst
50 %
30 %
50 %
50 %
50 %
trec(rst)
tw(rst)
RESET
LEDn
LED off
START
trst
ACK or read cycle
Fig 20. Definition of timing
tSP
tBUF
tHD;STA
P
P
S
tLOW
tr
tHD;DAT
tf
tHIGH
tSU;DAT
tSU;STA
Sr
tHD;STA
tSU;STO
SDA
SCL
002aaa986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com