Electronic Components Datasheet Search
  English  ▼

X  

PCA9635 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9635
Description  16-bit Fm I2C-bus LED driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9635 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9635 Datasheet HTML 4Page - NXP Semiconductors PCA9635 Datasheet HTML 5Page - NXP Semiconductors PCA9635 Datasheet HTML 6Page - NXP Semiconductors PCA9635 Datasheet HTML 7Page - NXP Semiconductors PCA9635 Datasheet HTML 8Page - NXP Semiconductors PCA9635 Datasheet HTML 9Page - NXP Semiconductors PCA9635 Datasheet HTML 10Page - NXP Semiconductors PCA9635 Datasheet HTML 11Page - NXP Semiconductors PCA9635 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
PCA9635_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 September 2008
8 of 35
NXP Semiconductors
PCA9635
16-bit Fm+ I2C-bus LED driver
Remark: Other combinations not shown in Table 3 (AI[2:0] = 001, 010, and 011) are
reserved and must not be used for proper device operation.
AI[2:0] = 000 is used when the same register must be accessed several times during a
single I2C-bus communication, for example, changes the brightness of a single LED. Data
is overwritten each time the register is accessed during a write operation.
AI[2:0] = 100 is used when all the registers must be sequentially accessed, for example,
power-up programming.
AI[2:0] = 101 is used when the four LED drivers must be individually programmed with
different values during the same I2C-bus communication, for example, changing color
setting to another color setting.
AI[2:0] = 110 is used when the LED drivers must be globally programmed with different
settings during the same I2C-bus communication, for example, global brightness or
blinking change.
AI[2:0] = 111 is used when individual and global changes must be performed during the
same I2C-bus communication, for example, changing a color and global brightness at the
same time.
Only the 5 least significant bits D[4:0] are affected by the AI[2:0] bits.
When the Control register is written, the register entry point determined by D[4:0] is the
first register that will be addressed (read or write operation), and can be anywhere
between 0 0000 and 1 1011 (as defined in Table 4). When AI[2] = 1, the Auto-Increment
flag is set and the rollover value at which the register increment stops and goes to the next
one is determined by AI[2:0]. See Table 3 for rollover values. For example, if the Control
register = 1111 0100 (F4h), then the register addressing sequence will be (in hex):
14
→ … → 1B → 00 → … → 13 → 02 → … → 13 → 02 → … → 13 → 02 → … as long
as the master keeps sending or reading data.
Table 3.
Auto-Increment options
AI2
AI1
AI0
Function
0
0
0
no Auto-Increment
1
0
0
Auto-Increment for all registers. D[4:0] roll over to ‘0 0000’ after the last
register (1 1011) is accessed.
1
0
1
Auto-Increment for individual brightness registers only. D[4:0] roll over to
‘0 0010’ after the last register (1 0001) is accessed.
1
1
0
Auto-Increment for global control registers only. D[4:0] roll over to
‘1 0010’ after the last register (1 0011) is accessed.
1
1
1
Auto-Increment for individual and global control registers only. D[4:0] roll
over to ‘0 0010’ after the last register (1 0011) is accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com