Electronic Components Datasheet Search
  English  ▼

X  

PCF8534A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8534A
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8534A Datasheet HTML 3Page - NXP Semiconductors PCF8534A Datasheet HTML 4Page - NXP Semiconductors PCF8534A Datasheet HTML 5Page - NXP Semiconductors PCF8534A Datasheet HTML 6Page - NXP Semiconductors PCF8534A Datasheet HTML 7Page - NXP Semiconductors PCF8534A Datasheet HTML 8Page - NXP Semiconductors PCF8534A Datasheet HTML 9Page - NXP Semiconductors PCF8534A Datasheet HTML 10Page - NXP Semiconductors PCF8534A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
PCF8534A_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 10 November 2008
7 of 44
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
Table 5 shows the biasing configurations applicable to the preferred operating modes
together with the biasing characteristics as functions of Voper and the resulting
discrimination ratios (D).
A practical value for Voper is determined by equating Voff(RMS) with a defined LCD
threshold voltage (Vth), typically when the LCD exhibits approximately 10 % contrast. In
the static drive mode a suitable choice is Voper > 3Vth.
Multiplex drive ratios of 1:3 and 1:4 with 1
⁄
2 bias are possible but the discrimination and
hence the contrast ratios are smaller e.g.:
for 1:3 multiplex or
for 1:4 multiplex
The advantage of these modes is the reduction of the LCD full-scale voltage Voper as
follows:
• 1:3 multiplex (1
⁄2 bias):
• 1:4 multiplex (1
⁄2 bias):
These compare with Voper =3Voff(RMS) when 1⁄3 bias is used. It should be noted that
Voper =VLCD.
Table 5.
Preferred LCD drive modes: summary of characteristics
LCD drive
mode
Number of
LCD bias
configuration
Backplanes
Levels
static
1
2
static
0
1
∞
1:2
2
3
1
⁄
2
0.354
0.791
2.234
1:2
2
4
1
⁄
3
0.333
0.745
2.237
1:3
3
4
1
⁄
3
0.333
0.638
1.915
1:4
4
4
1
⁄
3
0.333
0.577
1.732
3
1.732
=
21
3
----------
1.528
=


V
oper
6V
off RMS
()
×
2.449V
off RMS
()
==
V
oper
43
×
()
3
---------------------
2.309V
off RMS
()
==
V
off RMS
()
V
oper
------------------------
V
on RMS
()
V
oper
-----------------------
D
V
on RMS
()
V
off RMS
()
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com