Electronic Components Datasheet Search
  English  ▼

X  

PUMD2 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PUMD2
Description  NPN/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 22 kW
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMD2 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PUMD2 Datasheet HTML 8Page - NXP Semiconductors PUMD2 Datasheet HTML 9Page - NXP Semiconductors PUMD2 Datasheet HTML 10Page - NXP Semiconductors PUMD2 Datasheet HTML 11Page - NXP Semiconductors PUMD2 Datasheet HTML 12Page - NXP Semiconductors PUMD2 Datasheet HTML 13Page - NXP Semiconductors PUMD2 Datasheet HTML 14Page - NXP Semiconductors PUMD2 Datasheet HTML 15Page - NXP Semiconductors PUMD2 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
PEMD2_PIMD2_PUMD2_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 24 September 2008
12 of 16
NXP Semiconductors
PEMD2; PIMD2; PUMD2
NPN/PNP resistor-equipped transistors; R1 = 22 k
Ω, R2 = 22 kΩ
Fig 15. Reflow soldering footprint PIMD2 (SOT457/SC-74)
Fig 16. Wave soldering footprint PIMD2 (SOT457/SC-74)
solder lands
solder resist
occupied area
solder paste
sot457_fr
3.45
1.95
2.825
3.3
0.45
(6
×)
0.55
(6
×)
0.7
(6
×)
0.8
(6
×)
2.4
0.95
0.95
Dimensions in mm
sot457_fw
5.3
5.05
1.45
(6
×)
0.45
(2
×)
1.5
(4
×)
2.85
1.475
1.475
solder lands
solder resist
occupied area
preferred transport
direction during soldering
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com