Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM7S256 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT91SAM7S256
Description  AT91 ARM Thumb-based Microcontrollers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S256 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT91SAM7S256 Datasheet HTML 28Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 29Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 30Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 31Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 32Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 33Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 34Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 35Page - ATMEL Corporation AT91SAM7S256 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
32
6175GS–ATARM–24-Dec-08
AT91SAM7S Series Summary
9.5
Debug Unit
• Comprises:
– One two-pin UART
– One Interface for the Debug Communication Channel (DCC) support
– One set of Chip ID Registers
– One Interface providing ICE Access Prevention
•Two-pin UART
– Implemented features are compatible with the USART
– Programmable Baud Rate Generator
– Parity, Framing and Overrun Error
– Automatic Echo, Local Loopback and Remote Loopback Channel Modes
• Debug Communication Channel Support
– Offers visibility of COMMRX and COMMTX signals from the ARM Processor
• Chip ID Registers
– Identification of the device revision, sizes of the embedded memories, set of
peripherals
– Chip ID is 0x270B0A40 for AT91SAM7S512 Rev A
– Chip ID is 0x270B0940 for AT91SAM7S256 Rev A
– Chip ID is 0x270B0941 for AT91SAM7S256 Rev B
– Chip ID is 0x270A0740 for AT91SAM7S128 Rev A
– Chip ID is 0x270A0741 for AT91SAM7S128 Rev B
– Chip ID is 0x27090540 for AT91SAM7S64 Rev A
– Chip ID is 0x27090543 for AT91SAM7S64 Rev B
– Chip ID is 0x27080342 for AT91SAM7S321 Rev A
– Chip ID is 0x27080340 for AT91SAM7S32 Rev A
– Chip ID is 0x27080341 for AT91SAM7S32 Rev B
– Chip ID is 0x27050241 for AT9SAM7S161 Rev A
– Chip ID is 0x27050240 for AT91SAM7S16 Rev A
Note:
Refer to the errata section of the datasheet for updates on chip ID.
9.6
Periodic Interval Timer
• 20-bit programmable counter plus 12-bit interval counter
9.7
Watchdog Timer
• 12-bit key-protected Programmable Counter running on prescaled SCLK
• Provides reset or interrupt signals to the system
• Counter may be stopped while the processor is in debug state or in idle mode
9.8
Real-time Timer
• 32-bit free-running counter with alarm running on prescaled SCLK
• Programmable 16-bit prescaler for SLCK accuracy compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com