Electronic Components Datasheet Search
  English  ▼

X  

SSL1750T Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SSL1750T
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750T Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SSL1750T Datasheet HTML 19Page - NXP Semiconductors SSL1750T Datasheet HTML 20Page - NXP Semiconductors SSL1750T Datasheet HTML 21Page - NXP Semiconductors SSL1750T Datasheet HTML 22Page - NXP Semiconductors SSL1750T Datasheet HTML 23Page - NXP Semiconductors SSL1750T Datasheet HTML 24Page - NXP Semiconductors SSL1750T Datasheet HTML 25Page - NXP Semiconductors SSL1750T Datasheet HTML 26Page - NXP Semiconductors SSL1750T Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
23 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
Demagnetization management PFC (pin PFCAUX)
Vth(comp)PFCAUX
comparator threshold
voltage on pin PFCAUX
−150
−100
−50
mV
tto(demag)PFC
PFC demagnetization
time-out time
40
50
60
µs
Iprot(PFCAUX)
protection current on pin
PFCAUX
VPFCAUX =50mV
−75
-
−5nA
Driver (pin PFCDRIVER)
Isrc(PFCDRIVER)
source current on pin
PFCDRIVER
VPFCDRIVER =2V
-
−0.5
-
A
Isink(PFCDRIVER)
sink current on pin
PFCDRIVER
VPFCDRIVER = 2 V
-
0.7
-
A
VPFCDRIVER =10V
-
1.2
-
A
VO(PFCDRIVER)max
maximum output voltage on
pin PFCDRIVER
-11
12
V
Overvoltage protection flyback (pin FBAUX)
Iovp(FBAUX)
overvoltage protection
current on pin FBAUX
279
300
321
µA
Ncy(ovp)
number of overvoltage
protection cycles
6812
Demagnetization management flyback (pin FBAUX)
Vth(comp)FBAUX
comparator threshold
voltage on pin FBAUX
60
80
110
mV
Iprot(FBAUX)
protection current on pin
FBAUX
VFBAUX =50mV
−50
-
−5nA
Vclamp(FBAUX)
clamp voltage on pin FBAUX IFBAUX = −500 µA
−1.0
−0.8
−0.6
V
IFBAUX = 500 µA
0.5
0.7
0.9
V
tsup(xfmr_ring)
transformer ringing
suppression time
1.5
2
2.5
µs
Pulse width modulator flyback
ton(fb)min
minimum flyback on-time
-
tleb(fb)
-ns
ton(fb)max
maximum flyback on-time
20
25
30
µs
Oscillator flyback
fsw(fb)max
maximum flyback switching
frequency
100
125
150
kHz
Vstart(VCO)FBCTRL
VCO start voltage on pin
FBCTRL
1.3
1.5
1.7
V
Vhys(FBCTRL)
hysteresis voltage on pin
FBCTRL
-60
-
mV
∆VVCO(FBCTRL)
VCO voltage difference on
pin FBCTRL
-
−0.1
-
V
Table 5.
Characteristics …continued
Measurement data valid at Tamb =25 °C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are
positive when flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com