Electronic Components Datasheet Search
  English  ▼

X  

CS3001 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS3001
Description  Precision Low-voltage Amplifier; DC to 2 kHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3001 Datasheet(HTML) 2 Page - Cirrus Logic

  CS3001_08 Datasheet HTML 1Page - Cirrus Logic CS3001_08 Datasheet HTML 2Page - Cirrus Logic CS3001_08 Datasheet HTML 3Page - Cirrus Logic CS3001_08 Datasheet HTML 4Page - Cirrus Logic CS3001_08 Datasheet HTML 5Page - Cirrus Logic CS3001_08 Datasheet HTML 6Page - Cirrus Logic CS3001_08 Datasheet HTML 7Page - Cirrus Logic CS3001_08 Datasheet HTML 8Page - Cirrus Logic CS3001_08 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CS3001
CS3002
2
DS490F8
TABLE OF CONTENTS
1. CHARACTERISTICS AND SPECIFICATIONS .............................................. 3
ELECTRICAL CHARACTERISTICS...................................................................3
ABSOLUTE MAXIMUM RATINGS .....................................................................4
2. TYPICAL PERFORMANCE PLOTS .............................................................. 4
3. CS3001/CS3002 OVERVIEW ......................................................................... 8
3.1 Open-loop Gain and Phase Response .................................................................8
3.2 Open-loop Gain and Stability Compensation .......................................................9
3.2.1 Discussion ...................................................................................................9
3.2.2 Gain Calculations Summary and Recommendations ...............................12
3.3 Powerdown (PDWN) ..........................................................................................12
3.4 Applications ........................................................................................................12
4. PACKAGE DRAWING .................................................................................. 14
5. ORDERING INFORMATION ........................................................................ 15
6. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION .. 15
7. REVISION HISTORY ................................................................................... 16
LIST OF FIGURES
Figure 1. Noise vs. Frequency (Measured) ........................................................................4
Figure 2. 0.01 Hz to 10 Hz Noise .......................................................................................4
Figure 3. Supply Current vs. Temperature, 3001 ...............................................................4
Figure 4. Noise vs. Frequency ...........................................................................................4
Figure 5. Offset Voltage Stability (DC to 3.2 Hz) ...............................................................4
Figure 6. Supply Current vs. Temperature, 3002 ...............................................................4
Figure 7. Supply Current vs. Voltage, 3001 .......................................................................5
Figure 8. Supply Current vs. Voltage, 3002 .......................................................................5
Figure 9. Open-loop Gain and Phase vs. Frequency .........................................................5
Figure 10. Open-loop Gain and Phase vs. Frequency (Expanded) ...................................6
Figure 11. Input Bias Current vs. Supply Voltage (CS3002) ..............................................6
Figure 12. Input Bias Current vs. Common Mode Voltage ................................................7
Figure 13. Voltage Swing vs. Output Current (2.7 V) .........................................................7
Figure 14. Voltage Swing vs. Output Current (5 V) ............................................................7
Figure 15. CS3001/CS3002 Open-loop Gain and Phase Response .................................8
Figure 16. Non-inverting Gain Configuration .....................................................................9
Figure 17. Non-inverting Gain Configuration with Compensation ....................................10
Figure 18. Loop Gain Plot: Unity Gain and with Pole-zero Compensation ......................11
Figure 19. Thermopile Amplifier with a Gain of 650 V/V ..................................................13
Figure 20. Load Cell Bridge Amplifier and A/D Converter ...............................................13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com