Electronic Components Datasheet Search
  English  ▼

X  

CS3001 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS3001
Description  Precision Low-voltage Amplifier; DC to 2 kHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3001 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS3001 Datasheet HTML 5Page - Cirrus Logic CS3001 Datasheet HTML 6Page - Cirrus Logic CS3001 Datasheet HTML 7Page - Cirrus Logic CS3001 Datasheet HTML 8Page - Cirrus Logic CS3001 Datasheet HTML 9Page - Cirrus Logic CS3001 Datasheet HTML 10Page - Cirrus Logic CS3001 Datasheet HTML 11Page - Cirrus Logic CS3001 Datasheet HTML 12Page - Cirrus Logic CS3001 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CS3001
CS3002
DS490F8
9
3.2
Open-loop Gain and Stability Compensation
3.2.1
Discussion
The CS3001 and CS3002 achieve ultra-high open
loop gain. Figure 16 illustrates the amplifier in a
non-inverting gain configuration. The open loop
gain and phase plots indicate that the amplifier is
stable for closed-loop gains less than 50 V/V and
R1
≤ 100 Ohms. For a gain of 50, the phase margin
is between 40
° and 60° depending upon the loading
conditions. As shown in Figure 17, on page 12, the
operational amplifier has an input capacitance at
the + and – signal inputs of typically 50 pF. This
capacitance adds an additional pole in the loop gain
transfer function at a frequency of f = 1/(2
πR*Cin)
where R is the parallel combination of R1 and R2
(R1
|| R2). A higher value for R produces a pole at
a lower frequency, thus reducing the phase margin.
R1 is recommended to be less than or equal to 100
ohms, which results in a pole at 30 MHz or higher.
If a higher value of R1 is desired, a compensation
capacitor (C2) should be added in parallel with R2.
C2 should be chosen such that R2*C2
≥ R1*C
in.
R1
R2
Vin
Vo
R
S
Figure 16. Non-inverting Gain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com