Electronic Components Datasheet Search
  English  ▼

X  

CS3302 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS3302
Description  High-Z, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3302 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS3302_07 Datasheet HTML 5Page - Cirrus Logic CS3302_07 Datasheet HTML 6Page - Cirrus Logic CS3302_07 Datasheet HTML 7Page - Cirrus Logic CS3302_07 Datasheet HTML 8Page - Cirrus Logic CS3302_07 Datasheet HTML 9Page - Cirrus Logic CS3302_07 Datasheet HTML 10Page - Cirrus Logic CS3302_07 Datasheet HTML 11Page - Cirrus Logic CS3302_07 Datasheet HTML 12Page - Cirrus Logic CS3302_07 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CS3302
DS596F3
9
POWER SUPPLY CHARACTERISTICS
Notes: 18. All outputs unloaded. Analog inputs connected to the internal 800
Ω termination. Digital inputs forced to
VD or DGND respectively.
19. Power supply rejection characterized with a 50 Hz, 400 mVpp sine wave applied separately to each
supply.
Parameter
Symbol
CS3302
Unit
Min
Typ
Max
Power Supply Current, Normal Mode
Analog Power Supply Current
(Note 18)IA
-
5.0
5.75
mA
Digital Power Supply Current
(Note 18)ID
-0.1
0.2
mA
Power Supply Current, Low Power Mode
Analog Power Supply Current, LPWR = 1
(Note 18)IA
-3.4
4.0
mA
Digital Power Supply Current, LPWR = 1
(Note 18)ID
-0.1
0.2
mA
Power Supply Current, Power Down Mode
Analog Power Supply Current, PWDN = 1
(Note 18)IA
-9
11
µA
Digital Power Supply Current, PWDN = 1
(Note 18)ID
-2
8
µA
Power Supply Rejection
Power Supply Rejection Ratio
(Note 4, 19)
PSRR
95
120
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com