Electronic Components Datasheet Search
  English  ▼

X  

CS3012-ISZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS3012-ISZ
Description  Precision Low-voltage Amplifier; DC to 1 kHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3012-ISZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS3012-ISZ Datasheet HTML 1Page - Cirrus Logic CS3012-ISZ Datasheet HTML 2Page - Cirrus Logic CS3012-ISZ Datasheet HTML 3Page - Cirrus Logic CS3012-ISZ Datasheet HTML 4Page - Cirrus Logic CS3012-ISZ Datasheet HTML 5Page - Cirrus Logic CS3012-ISZ Datasheet HTML 6Page - Cirrus Logic CS3012-ISZ Datasheet HTML 7Page - Cirrus Logic CS3012-ISZ Datasheet HTML 8Page - Cirrus Logic CS3012-ISZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
http://www.cirrus.com
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
CS3011
CS3012
Precision Low-voltage Amplifier; DC to 1 kHz
Features & Description
Low Offset: 10
µV Max
Low Drift: 0.05
µV/°C Max
Low Noise
–12 nV/
√Hz @ 0.5 Hz
– 0.1 to 10 Hz = 250 nVp-p
– 1/f corner @ 0.08 Hz
Open-loop Voltage Gain
– 300 dB Typ
–200 dB Min
Rail-to-rail Output Swing
Slew Rate: 2 V/
µs
Applications
Thermocouple/Thermopile Amplifiers
Load Cell and Bridge Transducer Amplifiers
Precision Instrumentation
Battery-powered Systems
Description
The CS3011 single amplifier and the CS3012 dual am-
plifier are designed for precision amplification of low-
level signals and are ideally suited to applications that
require very high closed-loop gains. These amplifiers
achieve excellent offset stability, super-high open-loop
gain, and low noise over time and temperature. The de-
vices also exhibit excellent CMRR and PSRR. The
common mode input range includes the negative supply
rail. The amplifiers operate with any total supply voltage
from 2.7 V to 6.7 V (±1.35 V to ±3.35 V).
Pin Configurations
PDWN
-In
+In
V-
NC
V+
Output
NC
1
2
3
4
8
7
6
5
-
+
CS3011
8-lead SOIC
Out A
-In A
+In A
V-
V+
Out B
-In B
+In B
1
2
3
4
8
7
6
5
A
B
-
-
+
+
CS3012
8-lead SOIC
CS3011
R1
100
R2
64.9k
C1
0.015
µF
Dexter Research
Thermopile ST60
Thermopile Amplifier with a Gain of 650 V/V
1
10
100
0.001
0.010
0.1
1
10
Frequency (Hz)
Noise vs. Frequency (Measured)
NOV ‘07
DS597F5


Similar Part No. - CS3012-ISZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3012-ISZ CIRRUS-CS3012-ISZ Datasheet
732Kb / 18P
Precision Low-voltage Amplifier; DC to 1 kHz
More results

Similar Description - CS3012-ISZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3001 CIRRUS-CS3001 Datasheet
287Kb / 16P
PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ
CS3011 CIRRUS-CS3011 Datasheet
131Kb / 4P
Precision Low Voltage Amplifier; DC to 1 kHz
CS3003 CIRRUS-CS3003 Datasheet
466Kb / 8P
Precision Low-voltage Amplifier
CS3001 CIRRUS-CS3001_08 Datasheet
284Kb / 16P
Precision Low-voltage Amplifier; DC to 2 kHz
CS3004 CIRRUS-CS3004_07 Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
CS3001 CIRRUS-CS3001_09 Datasheet
330Kb / 16P
Precision Low-voltage Amplifier; DC to 2 kHz
CS3003 CIRRUS-CS3003_09 Datasheet
227Kb / 10P
Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_09 Datasheet
322Kb / 10P
Precision Low-voltage Amplifier
CS3011 CIRRUS-CS3011_09 Datasheet
732Kb / 18P
Precision Low-voltage Amplifier; DC to 1 kHz
CS3003_0910 CIRRUS-CS3003_0910 Datasheet
409Kb / 10P
Precision Low-voltage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com