Electronic Components Datasheet Search
  English  ▼

X  

CDB4265 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CDB4265
Description  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4265 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CDB4265 Datasheet HTML 45Page - Cirrus Logic CDB4265 Datasheet HTML 46Page - Cirrus Logic CDB4265 Datasheet HTML 47Page - Cirrus Logic CDB4265 Datasheet HTML 48Page - Cirrus Logic CDB4265 Datasheet HTML 49Page - Cirrus Logic CDB4265 Datasheet HTML 50Page - Cirrus Logic CDB4265 Datasheet HTML 51Page - Cirrus Logic CDB4265 Datasheet HTML 52Page - Cirrus Logic CDB4265 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
DS657F2
49
CS4265
9. ADC FILTER PLOTS
Figure 30. ADC Single-Speed Stopband Rejection
Figure 31. ADC Single-Speed Stopband Rejection
Figure 32. ADC Single-Speed Transition Band (Detail)
Figure 33. ADC Single-Speed Passband Ripple
Figure 34. ADC Double-Speed Stopband Rejection
Figure 35. ADC Double-Speed Stopband Rejection
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (norm alized to Fs)
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.40 0.42 0.44 0.46 0.48 0.50 0.52 0.54
0.56 0.58 0.60
Frequency (norm alized to Fs)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.45 0.46 0.47 0.48 0.49
0.5
0.51 0.52
0.53 0.54
0.55
Frequency (normalized to Fs)
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35 0.4
0.45
0.5
Frequency (norm alized to Fs)
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (norm alized to Fs)
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.40 0.42 0.44 0.46 0.48 0.50 0.52 0.54
0.56 0.58 0.60
Frequency (norm alized to Fs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com