Electronic Components Datasheet Search
  English  ▼

X  

CDB4350 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CDB4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4350 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CDB4350 Datasheet HTML 29Page - Cirrus Logic CDB4350 Datasheet HTML 30Page - Cirrus Logic CDB4350 Datasheet HTML 31Page - Cirrus Logic CDB4350 Datasheet HTML 32Page - Cirrus Logic CDB4350 Datasheet HTML 33Page - Cirrus Logic CDB4350 Datasheet HTML 34Page - Cirrus Logic CDB4350 Datasheet HTML 35Page - Cirrus Logic CDB4350 Datasheet HTML 36Page - Cirrus Logic CDB4350 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
DS691F1
33
CS4350
8.5
Channel A & B Volume Control - Register 05h & 06h
Digital Volume Control (VOL[7:0]) Bits 7-0
Default = 00h (0 dB)
Function:
The Digital Volume Control registers allow independent control of the signal levels in 1/2 dB increments
from 0 to -127.5 dB. Volume settings are decoded as shown in Table 5. The volume changes are imple-
mented as dictated by the Soft and Zero Cross bits in the Power and Muting Control register. The actual
attenuation is determined by taking the decimal value of the volume register and multiplying by 6.02/12.
8.6
Ramp and Filter Control - Register 07h
8.6.1
Soft Ramp and Zero Cross Control (SZC[1:0]) Bits 7-6
Default = 10
Function:
Immediate Change
When Immediate Change is selected all level changes will take effect immediately in one step.
Zero Cross
Zero Cross Enable dictates that signal level changes, either by attenuation changes or muting, will occur
on a signal zero crossing to minimize audible artifacts. The requested level change will occur after a time-
out period between 512 and 1024 sample periods (10.7 ms to 21.3 ms at 48 kHz sample rate) if the signal
does not encounter a zero crossing. The zero cross function is independently monitored and implemented
for each channel.
Soft Ramp PCM
Soft Ramp allows level changes, both muting and attenuation, to be implemented by incrementally ramp-
ing, in 1/8 dB steps, from the current level to the new level at a rate of 1 dB per 8 left/right clock periods.
7
6
5
432
10
VOL7
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
0
0
0
000
00
Binary Code
Decimal Value
Volume Setting
00000000
0
0 dB
00000001
1
-0.5 dB
00000110
6
-3.0 dB
11111111
255
-127.5 dB
Table 5. Example Digital Volume Settings
7
6
5
432
10
SZC1
SZC0
RMP_UP
RMP_DN
Reserved
FILT_SEL
Reserved
Reserved
1
0
1
100
01
SZC1 SZC0
Description
0
0
Immediate Change
0
1
Zero Cross
1
0
Soft Ramp
1
1
Soft Ramp on Zero Crossings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com