Electronic Components Datasheet Search
  English  ▼

X  

CS4384 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4384
Description  103 dB, 192 kHz 8-Channel D/A Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4384 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4384 Datasheet HTML 28Page - Cirrus Logic CS4384 Datasheet HTML 29Page - Cirrus Logic CS4384 Datasheet HTML 30Page - Cirrus Logic CS4384 Datasheet HTML 31Page - Cirrus Logic CS4384 Datasheet HTML 32Page - Cirrus Logic CS4384 Datasheet HTML 33Page - Cirrus Logic CS4384 Datasheet HTML 34Page - Cirrus Logic CS4384 Datasheet HTML 35Page - Cirrus Logic CS4384 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32
DS620F1
CS4384
6.
If the INCR bit is set to 0 and further SPI writes to other registers are desired, it is necessary to bring
CS high, and follow the procedure detailed from step 1. If no further writes to other registers are de-
sired, bring CS high.
4.15
Memory Address Pointer (MAP)
4.15.1
INCR (Auto Map Increment Enable)
Default = ‘0’
0 - Disabled
1 - Enabled
4.15.2
MAP4-0 (Memory Address Pointer)
Default = ‘00000’
76543210
INCR
Reserved
Reserved
MAP4
MAP3
MAP2
MAP1
MAP0
00000000
MAP
MS B
LSB
DATA
byte 1
byte n
R/W
M A P = M e m o ry A d dress P oin te r
ADDRESS
CH IP
CD IN
CCL K
CS
0011000
Figure 27. Control Port Timing, SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com