Electronic Components Datasheet Search
  English  ▼

X  

CDB4385 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB4385
Description  114 dB, 192 kHz 8-Channel D/A Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4385 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB4385 Datasheet HTML 1Page - Cirrus Logic CDB4385 Datasheet HTML 2Page - Cirrus Logic CDB4385 Datasheet HTML 3Page - Cirrus Logic CDB4385 Datasheet HTML 4Page - Cirrus Logic CDB4385 Datasheet HTML 5Page - Cirrus Logic CDB4385 Datasheet HTML 6Page - Cirrus Logic CDB4385 Datasheet HTML 7Page - Cirrus Logic CDB4385 Datasheet HTML 8Page - Cirrus Logic CDB4385 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Copyright
© Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
114 dB, 192 kHz 8-Channel D/A Converter
Features
Advanced Multi-bit Delta Sigma Architecture
24-bit Conversion
Automatic Detection of Sample Rates up to
192 kHz
114 dB Dynamic Range
-100 dB THD+N
Direct Stream Digital Mode
–
Non-Decimating Volume Control
–
On-Chip 50 kHz Filter
–
Matched PCM and DSD Analog Output
Levels
Compatible with Industry-Standard Time
Division Multiplexed (TDM) Serial Interface
Selectable Digital Filters
Volume Control with 1/2-dB Step Size and Soft
Ramp
Low Clock-Jitter Sensitivity
+5 V Analog Supply, +2.5 V Digital Supply
Separate 1.8 to 5 V Logic Supplies for the
Control and Serial Ports
Description
The CS4385 is a complete 8-channel digital-to-analog
system. This D/A system includes digital de-emphasis,
half-dB step size volume control, ATAPI channel mix-
ing, selectable fast and slow digital interpolation filters
followed by an oversampled, multi-bit delta sigma mod-
ulator which includes mismatch-shaping technology
that eliminates distortion due to capacitor mismatch.
Following this stage is a multi-element switched capac-
itor stage and low-pass filter with differential analog
outputs.
The CS4385 also has a proprietary DSD processor
which allows for volume control and 50 kHz on-chip fil-
tering without an intermediate decimation stage. It also
offers an optional path for direct DSD conversion by di-
rectly using the multi-element switched capacitor array.
The CS4385 is available in a 48-pin LQFP package in
both Commercial (-40°C to +85°C) and Automotive
(-40°C to +105°C) grades. The CDB4385 Customer
Demonstration board is also available for device evalu-
ation and implementation suggestions. Please see
“Ordering Information” on page 54 for complete details.
The CS4385 accepts PCM data at sample rates from
4 kHz to 216 kHz, DSD audio data, and delivers excel-
lent sound quality. These features are ideal for multi-
channel audio systems, including SACD players, A/V
receivers, digital TV’s, mixing consoles, effects proces-
sors, sound cards, and automotive audio systems.
Control Port Supply = 1.8 V to 5 V
Register/Hardware
Configuration
Internal Voltage
Reference
Reset
TDM Serial
Audio Input
Digital Supply = 2.5 V
Hardware Mode or
I2C/SPI Software Mode
Control Data
Analog Supply = 5 V
Eight Channels
of Differential
Outputs
8
8
PCM Serial
Audio Input
Volume
Controls
Digital
Filters
Switch-Cap
DAC and
Analog Filters
Multi-bit
ΔΣ
Modulators
DSD Audio
Input
DSD Processor
-Volume control
-50 kHz filter
External Mute
Control
Mute Signals
2
8
Serial Audio Port
Supply = 1.8 V to 5 V
FEB '08
DS671F2
CS4385


Similar Part No. - CDB4385

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4385 CIRRUS-CDB4385 Datasheet
1Mb / 56P
114 dB, 192kHz 8-CHANNEL D/A CONVERTER
CDB4385A CIRRUS-CDB4385A Datasheet
2Mb / 31P
Demonstrates recommended layout and grounding arrangements
More results

Similar Description - CDB4385

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
114 dB, 192 kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_07 Datasheet
709Kb / 41P
114 dB, 192 kHz, 8-Channel A/D Converter
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
114 dB, 192 kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
114 dB, 192 kHz, 8-Channel A/D Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
114-dB, 192-kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com