Electronic Components Datasheet Search
  English  ▼

X  

CS5364 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5364
Description  114 dB, 192 kHz, 4-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5364 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5364_08 Datasheet HTML 16Page - Cirrus Logic CS5364_08 Datasheet HTML 17Page - Cirrus Logic CS5364_08 Datasheet HTML 18Page - Cirrus Logic CS5364_08 Datasheet HTML 19Page - Cirrus Logic CS5364_08 Datasheet HTML 20Page - Cirrus Logic CS5364_08 Datasheet HTML 21Page - Cirrus Logic CS5364_08 Datasheet HTML 22Page - Cirrus Logic CS5364_08 Datasheet HTML 23Page - Cirrus Logic CS5364_08 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
20
DS625F3
CS5364
4.3
Master Clock Source
The CS5364 requires a Master Clock that can come from one of two sources: an on-chip crystal oscillator
driver or an externally generated clock.
4.3.1
On-Chip Crystal Oscillator Driver
When using the on-board crystal oscillator driver, the XTI pin (pin 21) is the input for the Master Clock
(MCLK) to the device. The XTO pin (pin 22) must not be used to drive anything other than the oscillator
tank circuitry. When using the on-board crystal driver, the topology shown in Figure 7 must be used. The
crystal oscillator manufacturer supplies recommended capacitor values. A buffered copy of the XTI input is
available as an output on the MCLK pin (pin 23), which is level-controlled by VLS and may be used to syn-
chronize other parts to the device.
Figure 7. Crystal Oscillator Topology
4.3.2
Externally Generated Master Clock
If an external clock is used, the XTI and XTO pins must be grounded, and the MCLK pin becomes an input
for the system master clock. The incoming MCLK should be at the logic level set by the user on the VLS
supply pin.
XTI
XTO
22
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com