Electronic Components Datasheet Search
  English  ▼

X  

CS5467-ISZ Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5467-ISZ
Description  Four-channel Power / Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467-ISZ Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5467-ISZ Datasheet HTML 35Page - Cirrus Logic CS5467-ISZ Datasheet HTML 36Page - Cirrus Logic CS5467-ISZ Datasheet HTML 37Page - Cirrus Logic CS5467-ISZ Datasheet HTML 38Page - Cirrus Logic CS5467-ISZ Datasheet HTML 39Page - Cirrus Logic CS5467-ISZ Datasheet HTML 40Page - Cirrus Logic CS5467-ISZ Datasheet HTML 41Page - Cirrus Logic CS5467-ISZ Datasheet HTML 42Page - Cirrus Logic CS5467-ISZ Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
CS5467
DS714F1
39
8.4 Page 2 Registers
8.4.1 Voltage Sag and Current Fault Duration (V1SagDUR , V2SagDUR , I1FaultDUR , I2FaultDUR )
Address: 0 (V1SagDUR ), 8 (V2SagDUR ), 4 (I1FaultDUR ), 12 (I2FaultDUR )
Default = 0
Voltage sag duration, V1SagDUR (V2SagDUR) and current fault duration, I1FaultDUR (I2FaultDUR) determine
the count of output word rate (OWR) samples utilized to determine a sag or fault event. These are integers in
the range of 0 to 8,388,607 samples. A value of zero disables the feature.
8.4.2 Voltage Sag and Current Fault Level (V1SagLEVEL , V2SagLEVEL , I1FaultLEVEL , I2FaultLEVEL )
Address: 1 (V1SagLEVEL ), 9 (V2SagLEVEL ), 5 (I1FaultLEVEL ), 13 (I2FaultLEVEL )
Default = 0
Voltage sag level, V1SagLEVEL (V2SagLEVEL ) and current fault level, I1FaultLEVEL (I2FaultLEVEL ) establish
an input level below which a sag or fault is triggered. These are two's complement values in the range of
-1.0
≤ value < 1.0, with the binary point to the right of the MSB. Negative values are not used.
8.5 Page 5 Register
8.5.1 Temperature Measurement (TMEAS ) – Address: 26
Default = 0
The Temperature Measurement (TMEAS) register is used to cycle-steal voltage channel2 for temperature
measurement. Writing a one to the LSB causes the temperature to be measured and the Temperature register
(T) to be updated.
Refer to 6.13 Temperature Measurement on page 22 for more information.
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com