Electronic Components Datasheet Search
  English  ▼

X  

CS5532 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5532
Description  24-bit ?誇 ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5532 Datasheet HTML 19Page - Cirrus Logic CS5532 Datasheet HTML 20Page - Cirrus Logic CS5532 Datasheet HTML 21Page - Cirrus Logic CS5532 Datasheet HTML 22Page - Cirrus Logic CS5532 Datasheet HTML 23Page - Cirrus Logic CS5532 Datasheet HTML 24Page - Cirrus Logic CS5532 Datasheet HTML 25Page - Cirrus Logic CS5532 Datasheet HTML 26Page - Cirrus Logic CS5532 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
CS5532/34-BS
DS755F3
23
2.2.5. Reading/Writing On-Chip Registers
The CS5532/34’s offset, gain, configuration, and
channel-setup registers are readable and writable
while the conversion data register is read only.
As shown in Figure 7, to write to a particular regis-
ter the user must transmit the appropriate write
command and then follow that command by 32 bits
of data. For example, to write 0x80000000 (hexa-
decimal) to physical channel one’s gain register,
the user would first transmit the command byte
0x02
(hexadecimal)
followed
by
the
data
0x80000000 (hexadecimal). Similarly, to read a
particular register the user must transmit the appro-
priate read command and then acquire the 32 bits of
data. Once a register is written to or read from, the
serial port returns to the command mode.
In addition to accessing the internal registers one at
a time, the gain and offset registers as well as the
channel setup registers can be accessed as arrays
(i.e. the entire register set can be accessed with one
command). In the CS5532, there are two gain and
offset registers, and in the CS5534, there are four
gain and offset registers. There are four channel
setup registers in both devices. As an example, to
write 0x80000000 (hexadecimal) to all four gain
registers in the CS5534, the user would transmit the
command 0x42 (hexadecimal) followed by four it-
erations of 0x80000000 (hexadecimal), (i.e. 0x42
followed
by
0x80000000,
0x80000000,
0x80000000, 0x80000000). The registers are writ-
ten to or read from in sequential order (i.e, 1, fol-
lowed by 2, 3, and 4). Once the registers are written
to or read from, the serial port returns to the com-
mand mode.
2.3. Configuration Register
To ease the architectural design and simplify the
serial interface, the configuration register is thirty-
two bits long, however, only eleven of the thirty-
two bits are used. The following sections detail the
bits in the configuration register.
2.3.1. Power Consumption
The CS5532/34 accommodate three power con-
sumption modes: normal, standby, and sleep. The
default mode, “normal mode”, is entered after pow-
er is applied. In this mode, the CS5532/34-BS de-
vices typically consume 70 mW. The other two
modes are referred to as the power save modes.
They power down most of the analog portion of the
chip and stop filter convolutions. The power save
modes are entered whenever the power down
(PDW) bit of the configuration register is set to log-
ic 1. The particular power save mode entered de-
pends on state of the PSS (Power Save Select) bit.
If PSS is logic 0, the converter enters the standby
mode reducing the power consumption to 4 mW.
The standby mode leaves the oscillator and the on-
chip bias generator for the analog portion of the
chip active. This allows the converter to quickly re-
turn to the normal mode once PDW is set back to a
logic 1. If PSS and PDW are both set to logic 1, the
sleep mode is entered reducing the consumed pow-
er to around 500
µW. Since this sleep mode dis-
ables the oscillator, approximately a 20 ms
oscillator start-up delay period is required before
returning to the normal mode. If an external clock
is used, there will be no delay. Further note that
when the chips are used in the Gain = 1 mode, the
PGIA is powered down. With the PGIA powered
down, the power consumed in the normal power
mode is reduced by approximately 1/2. Power con-
sumption in the sleep and standby modes is not af-
fected by the amplifier setting.
2.3.2. System Reset Sequence
The reset system (RS) bit permits the user to per-
form a system reset. A system reset can be initiated
at any time by writing a logic 1 to the RS bit in the
configuration register. After the RS bit has been
set, the internal logic of the chip will be initialized
to a reset state. The reset valid (RV) bit is set indi-
cating that the internal logic was properly reset.
The RV bit is cleared after the configuration regis-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com