Electronic Components Datasheet Search
  English  ▼

X  

CS8422-DNZ Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS8422-DNZ
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-DNZ Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS8422-DNZ Datasheet HTML 54Page - Cirrus Logic CS8422-DNZ Datasheet HTML 55Page - Cirrus Logic CS8422-DNZ Datasheet HTML 56Page - Cirrus Logic CS8422-DNZ Datasheet HTML 57Page - Cirrus Logic CS8422-DNZ Datasheet HTML 58Page - Cirrus Logic CS8422-DNZ Datasheet HTML 59Page - Cirrus Logic CS8422-DNZ Datasheet HTML 60Page - Cirrus Logic CS8422-DNZ Datasheet HTML 61Page - Cirrus Logic CS8422-DNZ Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
58
DS692PP1
CS8422
1 - Received channel status block is in the professional format.
COPY - SCMS copyright indicator
0 - Copyright asserted.
1 - Copyright not asserted. If the category code is set to General in the incoming AES3 stream, copyright
will always be indicated by COPY, even when the stream indicates no copyright.
ORIG - SCMS generation indicator, decoded from the category code and the L bit.
0 - Received data is 1st generation or higher.
1 - Received data is original.
Note:
COPY and ORIG will both be set to 1 if incoming data is flagged as professional or if the receiver
is not in use.
EMPH – Indicates if the input channel status data indicates that the incoming audio data has been pre-em-
phasized.
0 – 50
µs/15 µs pre-emphasis indicated.
1 – 50
µs/15 µs pre-emphasis not indicated.
11.18 Format Detect Status (12h)
Note:
PCM, DTS_LD, DTS_CD and IEC61937 are mutually exclusive. A ‘1’ indicated the condition
was detected.
PCM – Un-compressed PCM data was detected.
IEC61937 – IEC61937 data was detected.
DTS_LD – DTS_LD data was detected.
DTS_CD – DTS_CD data was detected.
HD_CD – HD_CD data was detected.
DGTL_SIL – Digital Silence was detected: at least 2047 consecutive constant samples of the same 24-bit
audio data on both channels.
11.19 Receiver Error (13h)
This register contains the AES3 receiver status bits. Unmasked bits will go high on occurrence of the error,
and will stay high until the register is read. Reading the register resets all bits to 0, unless the error source
is still true. Bits that are masked off in the receiver error mask register will always be 0 in this register.
QCRC - Q-subcode data CRC error indicator. Updated on Q-subcode block boundaries
0 - No error.
1 - Error.
76
543
210
PCM
IEC61937
DTS_LD
DTS_CD
HD_CD
DGTL_SIL
Reserved
Reserved
76
543
210
Reserved
QCRC
CCRC
UNLOCK
V
CONF
BIP
PAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com