Electronic Components Datasheet Search
  English  ▼

X  

CDB8422 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CDB8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8422 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CDB8422 Datasheet HTML 74Page - Cirrus Logic CDB8422 Datasheet HTML 75Page - Cirrus Logic CDB8422 Datasheet HTML 76Page - Cirrus Logic CDB8422 Datasheet HTML 77Page - Cirrus Logic CDB8422 Datasheet HTML 78Page - Cirrus Logic CDB8422 Datasheet HTML 79Page - Cirrus Logic CDB8422 Datasheet HTML 80Page - Cirrus Logic CDB8422 Datasheet HTML 81Page - Cirrus Logic CDB8422 Datasheet HTML 82Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
DS692PP1
79
CS8422
14.PACKAGE DIMENSIONS
Notes:
1.
Dimensioning and tolerance per ASME Y 14.5M-1995.
2.
Dimensioning lead width applies to the plated terminal and is measured between 0.20 mm and 0.25 mm
from the terminal tip
15.THERMAL CHARACTERISTICS AND SPECIFICATIONS
Notes:
1.
θJA is specified according to JEDEC specifications for multi-layer PCBs.
INCHES
MILLIMETERS
NOTE
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
----
0.0394
----
1.00
1
A1
0.0000
--
0.0020
0.00
--
0.05
1
b
0.0071
0.0091
0.0110
0.18
0.23
0.28
1,2
D
0.1969 BSC
5.00 BSC
1
D2
0.1280
0.1299
0.1319
3.25
3.30
3.35
1
E
0.1969 BSC
5.00 BSC
1
E2
0.1280
0.1299
0.1319
3.25
3.30
3.35
1
e
0.0197 BSC
0.50 BSC
1
L
0.0118
0.0157
0.0197
0.30
0.40
0.50
1
JEDEC #: MO-220
Controlling Dimension is Millimeters.
Parameters
Symbol
Min
Typ
Max
Units
Package Thermal Resistance (Note 1)
θJA
-38-
°C/Watt
Allowable Junction Temperature
-
-
125
°C
Side View
A1
Bottom View
Top View
A
Pin #1 Corner
D
E
D2
L
b
e
Pin #1 Corner
E2
32L QFN (5 X 5 mm BODY) PACKAGE DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com