| Electronic Components Datasheet Search |
|
CS42438 Datasheet(PDF) 11 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS42438 Datasheet(HTML) 11 Page - Cirrus Logic |
|
11 / 61 page ![]() DS646F2 11 CS42438 3. TYPICAL CONNECTION DIAGRAMS 100 µF 0.1 µF + + VQ FILT+ 0.1 µF 4.7 µF VA 0.01 µF DGND Digital Audio Processor CS5341 A/D Converter VA VD AGND AGND AIN1+ AIN1- Connect DGND and AGND at Codec 0.01 µF + 10 µF 0.01 µF +3.3 V + 10 µF 0.01 µF +1.8 V to +5.0 V Analog Input 1 Input Filter 1 1. See the ADC Input Filter section in the Appendix. 2. See the DAC Output Filter section in the Appendix. Analog Input 2 Analog Input 3 Analog Input 4 AIN5+/AIN5A +3.3 V to +5 V DGND AIN2+ AIN2- AIN3+ AIN3- AIN4+ AIN4- AIN5-/AIN5B AIN6+/AIN6A AIN6-/AIN6B Analog Input 5 Analog Input 6 Analog Input 5A Analog Input 5B Analog Input 6A Analog Input 6B Input Filter 1 AOUT1+ AOUT1- AOUT2+ AOUT2- AOUT3+ AOUT3- AOUT4+ AOUT4- Analog Output Filter 2 Analog Output Filter 2 Analog Output Filter 2 AOUT5+ AOUT5- AOUT6+ AOUT6- AOUT7+ AOUT7- AOUT8+ AOUT8- Analog Output Filter 2 Analog Output Filter 2 Analog Output Filter 2 Analog Output Filter 2 Analog Output Filter 2 Input Filter 1 Input Filter 1 Input Filter 1 Input Filter 1 Input Filter 1 Input Filter 1 Input Filter 1 Input Filter 1 0.1 µF +1.8 V to +5 V Micro- Controller 2 k Ω 2 k Ω ** ** ** Resistors are required for I2C control port operation 3 4 2 1 5 13 14 7 11 12 17 16 10 15 6 948 35 18 47 37 51 52 49 50 44 45 42 43 40 41 38 39 34 33 31 32 30 29 27 28 26 25 23 24 22 21 19 20 46 37 8 VLC SCL/CCLK RST AD0/CS SDA/CDOUT AD1/CDIN MCLK AUX_SDIN DAC_SDIN FS SCLK AUX_SCLK AUX_LRCK ADC_SDOUT VLS Figure 1. Typical Connection Diagram (Software Mode) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |