Electronic Components Datasheet Search
  English  ▼

X  

CDB42448 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CDB42448
Description  108 dB, 192 kHz 4-In, 8-Out CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42448 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CDB42448 Datasheet HTML 5Page - Cirrus Logic CDB42448 Datasheet HTML 6Page - Cirrus Logic CDB42448 Datasheet HTML 7Page - Cirrus Logic CDB42448 Datasheet HTML 8Page - Cirrus Logic CDB42448 Datasheet HTML 9Page - Cirrus Logic CDB42448 Datasheet HTML 10Page - Cirrus Logic CDB42448 Datasheet HTML 11Page - Cirrus Logic CDB42448 Datasheet HTML 12Page - Cirrus Logic CDB42448 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
DS717F2
9
CS42888
2. TYPICAL CONNECTION DIAGRAM
0.1 µF
100 µF
0.1 µF
+
+
VQ
FILT+_DAC
0.1 µF
4.7 µF
VA
0.01 µF
DGND
0.1 µF
+1.8 V
to +5 V
Digital Audio
Processor
Micro-
Controller
CS5341
A/D
Converter
VA
VD
AGND
AGND
Connect DGND and AGND near CODEC
0.01 µF
0.1 µF
+
10 µF
0.01 µF
+3.3 V to +5 V
+
10 µF
0.1 µF
0.01 µF
+1.8 V
to +5.0 V
S/PDIF
CS8416
Receiver
RMCK
OSC
2 k
Ω
2 k
Ω
**
**
** Resistors are required
for I
2C control port
operation
1. See the ADC Input Filter section in the Appendix.
2. See the DAC Output Filter section in the Appendix.
optional
connection
+3.3 V to +5 V
DGND
AOUT1+
AOUT1-
AOUT2+
AOUT2-
AOUT3+
AOUT3-
AOUT4+
AOUT4-
AIN1+
AIN1-
Analog Input 1
Input
Filter
1
Analog Input 2
Input
Filter
1
Analog Input 3
Input
Filter
1
Analog Input 4
Input
Filter
1
AIN2+
AIN2-
AIN3+
AIN3-
AIN4+
AIN4-
Analog Output Filter
2
Analog Output Filter
2
Analog Output Filter
2
Analog Output Filter
2
AOUT5+
AOUT5-
AOUT6+
AOUT6-
AOUT7+
AOUT7-
AOUT8+
AOUT8-
Analog Output Filter
2
Analog Output Filter
2
Analog Output Filter
2
Analog Output Filter
2
MUTEC
Mute
Drive
(optional)
DGND
100 µF
+
0.1 µF
FILT+_ADC
VD
0.1 µF
0.01 µF
39
38
41
35
45
48
52
51
47
43
54
4
1
2
64
63
3
61
14
15
16
17
19
18
12
13
5
9
10
20
22
8
44
742
56
21
23
62
55
49
50
46
40
37
36
33
34
33
34
29
30
28
27
25
26
53
24
6
SCL/CCLK
SDA/CDOUT
AD1/CDIN
RST
AD0/CS
INT
VLC
VLS
MCLK
AUX_SDIN
DAC_SDIN1
ADC_LRCK
ADC_SCLK
AUX_SCLK
AUX_LRCK
ADC_SDOUT2
DAC_LRCK
DAC_SCLK
ADC_SDOUT1
DAC_SDIN2
DAC_SDIN3
DAC_SDIN4
Figure 1. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com