Electronic Components Datasheet Search
  English  ▼

X  

ATTINY167 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATTINY167
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash and LIN Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY167 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATTINY167 Datasheet HTML 1Page - ATMEL Corporation ATTINY167 Datasheet HTML 2Page - ATMEL Corporation ATTINY167 Datasheet HTML 3Page - ATMEL Corporation ATTINY167 Datasheet HTML 4Page - ATMEL Corporation ATTINY167 Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
– 123 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
• Non-volatile Program and Data Memories
– 16K Byte of In-System Programmable (ISP) Program Memory Flash
Endurance: 10,000 Write/Erase Cycles
– 512 Bytes In-System Programmable EEPROM
Endurance: 100,000 Write/Erase Cycles
– 512 Bytes Internal SRAM
– Programming Lock for Self-Programming Flash Program and EEPROM Data
Security
– Low size LIN/UART Software In-System Programmable
• Peripheral Features
– LIN 2.1 and 1.3 Controller or 8-Bit UART
– 8-bit Asynchronous Timer/Counter0:
. 10-bit Clock Prescaler
. 1 Output Compare or 8-bit PWM Channel
– 16-bit Synchronous Timer/Counter1:
. 10-bit Clock Prescaler
. External Event Counter
. 2 Output Compares Units or 16-bit PWM Channels on 2x 4 Separated Pins
– Master/Slave SPI Serial Interface,
– Universal Serial Interface (USI) with Start Condition Detector (Master/Slave SPI,
TWI, AES, ...)
– 10-bit ADC:
. 11 Single Ended Channels
. 16 Differential ADC Channel Pairs with Programmable Gain (8x or 20x)
– On-chip Analog Comparator with Selectable Voltage Reference
– 100µA ±6% Current Source (LIN Node Identification)
– On-chip Temperature Sensor
– Programmable Watchdog Timer with Separate On-chip Oscillator
• Special Microcontroller Features
– Dynamic Clock Switching (External/Internal RC/Watchdog Clock)
– DebugWIRE On-chip Debug (OCD) System
– Hardware In-System Programmable (ISP) via SPI Port
– External and Internal Interrupt Sources
– Interrupt and Wake-up on Pin Change
– Low Power Idle, ADC Noise Reduction, and Power-down Modes
– Enhanced Power-on Reset Circuit
– Programmable Brown-out Detection Circuit
– Internal Calibrated RC Oscillator 8MHz
– 4-16 MHz and 32 KHz Crystal/Ceramic Resonator Oscillators
• I/O and Packages
– 16 Programmable I/O Lines
– 20-pin SOIC, 32-pad QFN and 20-pin TSSOP
• Operating Voltage:
– 2.7 - 5.5V for ATtiny167
• Speed Grade:
– 0 - 8 MHz @ 2.7 - 5.5V (Automotive Temp. Range: -40°C to +125°C)
– 0 - 16 MHz @ 4.5 - 5.5V (Automotive Temp. Range: -40°C to +125°C)
7728AS-AUTO-07/08
8-bit
Microcontroller
with 16K Bytes
In-System
Programmable
Flash
and
LIN Controller
ATtiny167
Automotive
Preliminary
Summary


Similar Part No. - ATTINY167

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny167 ATMEL-ATtiny167 Datasheet
4Mb / 282P
8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATtiny167 ATMEL-ATtiny167 Datasheet
270Kb / 10P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATTINY167 ATMEL-ATTINY167 Datasheet
5Mb / 292P
8-bit AVR Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATtiny167 ATMEL-ATtiny167 Datasheet
5Mb / 20P
Atmel짰 AVR짰 32-bit microcontrollers
ATtiny167-15MD ATMEL-ATtiny167-15MD Datasheet
270Kb / 10P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY167

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATTINY87 ATMEL-ATTINY87 Datasheet
4Mb / 282P
8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATTINY87 ATMEL-ATTINY87_10 Datasheet
5Mb / 292P
8-bit AVR Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATTINY87-A15XZ ATMEL-ATTINY87-A15XZ Datasheet
5Mb / 283P
Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com