Electronic Components Datasheet Search
  English  ▼

X  

ANY88 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ANY88
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ANY88 Datasheet(HTML) 5 Page - ATMEL Corporation

  ANY88 Datasheet HTML 1Page - ATMEL Corporation ANY88 Datasheet HTML 2Page - ATMEL Corporation ANY88 Datasheet HTML 3Page - ATMEL Corporation ANY88 Datasheet HTML 4Page - ATMEL Corporation ANY88 Datasheet HTML 5Page - ATMEL Corporation ANY88 Datasheet HTML 6Page - ATMEL Corporation ANY88 Datasheet HTML 7Page - ATMEL Corporation ANY88 Datasheet HTML 8Page - ATMEL Corporation ANY88 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
8008BS–AVR–06/08
ATtiny48/88
2.
Overview
The ATtiny48/88 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC
architecture. By executing powerful instructions in a single clock cycle, the ATtiny48/88 achieves
throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power con-
sumption versus processing speed.
2.1
Block Diagram
Figure 2-1.
Block Diagram
The AVR core combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers.
PORT C (8)
PORT B (8)
PORT D (8)
16bit T/C 1
8bit T/C 0
A/D Conv.
Internal
Bandgap
Analog
Comp.
SPI
TWI
SRAM
Flash
EEPROM
Watchdog
Oscillator
Watchdog
Timer
Oscillator
Circuits /
Clock
Generation
Power
Supervision
POR / BOD &
RESET
Program
Logic
debugWIRE
2
PA[0..3] (in TQFP and MLF)
PC[0..7]
PB[0..7]
PD[0..7]
6
RESET
CLKI
CPU
PORT A (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com