Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA16HVB Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATMEGA16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16HVB Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATMEGA16HVB Datasheet HTML 3Page - ATMEL Corporation ATMEGA16HVB Datasheet HTML 4Page - ATMEL Corporation ATMEGA16HVB Datasheet HTML 5Page - ATMEL Corporation ATMEGA16HVB Datasheet HTML 6Page - ATMEL Corporation ATMEGA16HVB Datasheet HTML 7Page - ATMEL Corporation ATMEGA16HVB Datasheet HTML 8Page - ATMEL Corporation ATMEGA16HVB Datasheet HTML 9Page - ATMEL Corporation ATMEGA16HVB Datasheet HTML 10Page - ATMEL Corporation ATMEGA16HVB Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
8042AS–AVR–09/08
ATmega16HVB/32HVB
authentication, highly accurate monitoring and autonomous protection for Lithium-ion battery
cells.
The ATmega16HVB/32HVB AVR is supported with a full suite of program and system develop-
ment tools including: C Compilers, Macro Assemblers, Program Debugger/Simulators, and On-
chip Debugger.
2.1
Comparison Between ATmega16HVB and ATmega32HVB
The ATmega16HVB and ATmega32HVB differ only in memory size for Flash, EEPROM and
internal SRAM. Table 2-1 summarizes the different configuration for the two devices.
3.
Disclaimer
All Min, Typ and Max values contained in this datasheet are preliminary estimates based on sim-
ulations and characterization of other AVR microcontrollers manufactured on the same process
technology. Final values will be available after the device is characterized.
4.
Resources
A comprehensive set of development tools, application notes and datasheets are available for
download on http://www.atmel.com/avr.n1
Note:
1.
5.
Data Retention
Reliability Qualification results show that the projected data retention failure rate is much less
than 1 PPM over 20 years at 85°C or 100 years at 25°C.
Table 2-1.
Configuration summary
Device
Flash
EEPROM
SRAM
ATmega16HVB
16K
512
1K
ATmega32HVB
32K
1K
2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com