Electronic Components Datasheet Search
  English  ▼

X  

C3281 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # C3281
Description  POWER TRANSISTORS(15A,200V,150W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

C3281 Datasheet(HTML) 1 Page - Mospec Semiconductor

  C3281 Datasheet HTML 1Page - Mospec Semiconductor C3281 Datasheet HTML 2Page - Mospec Semiconductor C3281 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - C3281

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C328 KEMET-C328 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Savantic, Inc.
C3280 SAVANTIC-C3280 Datasheet
156Kb / 4P
Silicon NPN Power Transistors
logo
TT Electronics.
C3285-B TTELEC-C3285-B Datasheet
182Kb / 1P
2.1mm DC CONNECTOR ADAPTER
logo
Coilcraft lnc.
C328A COILCRAFT-C328A Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C328A COILCRAFT-C328A Datasheet
100Kb / 1P
Designer’s Kits
More results

Similar Description - C3281

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3771 MOSPEC-2N3771 Datasheet
132Kb / 3P
POWER TRANSISTORS(150W)
2N3789 MOSPEC-2N3789 Datasheet
116Kb / 3P
POWER TRANSISTORS(10A,150W)
2N5875 MOSPEC-2N5875 Datasheet
124Kb / 3P
POWER TRANSISTORS(10A,150W)
2SA1215 MOSPEC-2SA1215 Datasheet
115Kb / 3P
POWER TRANSISTORS(15A,160V,150W)
2SA1302 MOSPEC-2SA1302 Datasheet
114Kb / 3P
POWER TRANSISTORS(15A,200V,150W)
2SA1553 MOSPEC-2SA1553 Datasheet
119Kb / 3P
POWER TRANSISTORS(15A,230V,150W)
2SC2921 MOSPEC-2SC2921 Datasheet
116Kb / 3P
POWER TRANSISTORS(15A,160V,150W)
2SC4029 MOSPEC-2SC4029 Datasheet
135Kb / 3P
POWER TRANSISTOR(15A,230V,150W)
BUV48 MOSPEC-BUV48 Datasheet
117Kb / 3P
POWER TRANSISTORS(15A,400-450V,150W)
logo
Rohm
RDN150N20 ROHM-RDN150N20 Datasheet
101Kb / 4P
Switching (200V, 15A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com