Electronic Components Datasheet Search
  English  ▼

X  

MP400FC Datasheet(PDF) 6 Page - Cirrus Logic

Part # MP400FC
Description  Power Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP400FC Datasheet(HTML) 6 Page - Cirrus Logic

  MP400FC Datasheet HTML 1Page - Cirrus Logic MP400FC Datasheet HTML 2Page - Cirrus Logic MP400FC Datasheet HTML 3Page - Cirrus Logic MP400FC Datasheet HTML 4Page - Cirrus Logic MP400FC Datasheet HTML 5Page - Cirrus Logic MP400FC Datasheet HTML 6Page - Cirrus Logic MP400FC Datasheet HTML 7Page - Cirrus Logic MP400FC Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image

MP400FCU
MP400FC
P r o d u c t I n n o v a t i o n F r o m
tYpical application
The MP400FC is ideally suited to driv-
ing both piezo actuation and deflection
applications off of a single low voltage
supply. The circuit above boosts a sys-
tem 24V buss to 350V to drive an ink jet
print head. The MP400FCs high speed
deflection amplifier is biased for single
supply operation by external resistors R2
– R6, so that a 0 to 5V DAC can be used
as the input to the amplifier to drive the
print head from 0 to >300V.
General
Please read Application Note 1 “General
Operating Considerations” which covers
stability, power supplies, heat sinking, mounting, current limit, SOA interpretation, and specification interpretation.
Visit www.apexmicrotech.com for design tools that help automate tasks such as calculations for stability, internal
power dissipation, current limit, heat sink selection, Apex’s complete Application Notes library, Technical Seminar
Workbook and Evaluation Kits.
current limit
For proper operation, the current limit resistor, Rlim, must be connected
as shown in the external connections diagram. The minimum value
is 3.5Ω, however for maximum reliability and protection, the resistor
should be set as high as possible. The value of the resistor is calcu-
lated as follows, with Ilim in A; the maximum practical value is 30Ω.
Rlim = 0.7 / Ilim
saFe operatinG area
The MOSFET output stage of the MP400FC amplifier is not limited by
second breakdown considerations as in bipolar output stages. Only
thermal considerations and current handling capabilities limit the SOA.
The output stage is protected against transient flyback by the parasitic
body diodes of the output stage MOSFET structure. However, for pro-
tection against sustained high energy flyback external fast-recovery
diodes must be used..
supplY current
The MP400FC features a class A/B driver stage to drive the output
MOSFETs and an innovative input stage to achieve very high slew
rates. The supply current drawn by the MP400FC, even with no load,
varies with the slew rate of the output signal as shown in the graph
below.
stabilitY
The MP400FC is externally compensated and performance can be
tailored to the application. Use the graphs of small signal response
and power response as a guide. The compensation capacitor C
C must
be rated at 500V working voltage. NPO capacitors are recommended.
The compensation capacitors must be mounted closely to the amplifier
pins 36 & 37 and 38 & 42 to avoid spurious oscillation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com