Electronic Components Datasheet Search
  English  ▼

X  

PA01 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA01
Description  POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA01 Datasheet(HTML) 4 Page - Cirrus Logic

  PA01 Datasheet HTML 1Page - Cirrus Logic PA01 Datasheet HTML 2Page - Cirrus Logic PA01 Datasheet HTML 3Page - Cirrus Logic PA01 Datasheet HTML 4Page - Cirrus Logic PA01 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PA01-73U
PA01 • PA73
P r o d u c t I n n o v a t i o n F r o m
OPERATING
CONSIDERATIONS
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.apexmicrotech.com for design tools
that help automate tasks such as calculations for stability, in-
ternal power dissipation, current limit and heat sink selection.
The "Application Notes" and "Technical Seminar" sections
contain a wealth of information on specific types of applications.
Package outlines, heat sinks, mounting hardware and other
accessories are located in the "Packages and Accessories"
section. Evaluation Kits are available for most Apex product
models, consult the "Evaluation Kit" section for details. For
the most current version of all Apex product data sheets, visit
www.apexmicrotech.com.
SAFEOPERATINGAREA(SOA)
The output stage of most power amplifiers has three distinct
limitations:
1. The current handling capability of the transistor geometry
and the wire bonds.
2. The second breakdown effect which occurs whenever the
simultaneous collector current and collector-emitter voltage
exceeds specified limits.
3. The junction temperature of the output transistors.
The SOA curves combine the effect of these limits. For a
given application, the direction and magnitude of the output
current should be calculated or measured and checked against
the SOA curves. This is simple for resistive loads but more
complex for reactive and EMF generating loads.
1. For sine wave outputs, use Power Design1 to plot a load
line. Make sure the load line does not cross the 0.5ms limit
and that excursions beyond any other second breakdown
line do not exceed the time label, and have a duty cycle of
no more than 10%.
For other waveform outputs, manual load line plotting
is recommended. Applications Note 22, SOA AND LOAD
LINES, will be helpful. A Spice type analysis can be very
useful in that a hardware setup often calls for instruments
or amplifiers with wide common mode rejection ranges.
2. EMF generating or reactive load and short circuits to the
supply rail or shorts to common are safe if the current limits
are set as follows at T
C = 85°C.
SHORT TO ±V
S
SHORT TO
±V
S
C, L, OR EMF LOAD
COMMON
34V
.58A
1.1A
30V
.46A
1.4A
25V
.61A
1.7A
20V
.86A
2.1A
15V
1.3A
2.9A
3. The output stage is protected against occaisional transient
flyback. However, for protection against sustained, high
energy flyback, external fast-recovery diodes should be
used.
CURRENTLIMIT
Proper operation requires the use of two current limit resis-
tors, connected as shown, in the external connection diagram.
The minimum value for R
CL is 0.12 ohm; however, for optimum
reliability it should be set as high as possible. Refer to the
“General Operating Considerations” section of the handbook
for current limit adjust details.
1
Note 1. Power Design is a self-extracting Excel spreadsheet
available free from www.apexmicrotech.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com