Electronic Components Datasheet Search
  English  ▼

X  

AT28HC64B Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT28HC64B
Description  64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC64B Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT28HC64B Datasheet HTML 9Page - ATMEL Corporation AT28HC64B Datasheet HTML 10Page - ATMEL Corporation AT28HC64B Datasheet HTML 11Page - ATMEL Corporation AT28HC64B Datasheet HTML 12Page - ATMEL Corporation AT28HC64B Datasheet HTML 13Page - ATMEL Corporation AT28HC64B Datasheet HTML 14Page - ATMEL Corporation AT28HC64B Datasheet HTML 15Page - ATMEL Corporation AT28HC64B Datasheet HTML 16Page - ATMEL Corporation AT28HC64B Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
0274K–PEEPR–8/08
AT28HC64B
27. Ordering Information(1)
Note:
1. See “Valid Part Numbers” on page 13.
27.1
Standard Package
tACC
(ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
40
0.1
AT28HC64B-70JI
AT28HC64B-70PI
AT28HC64B-70SI
AT28HC64B-70TI
32J
28P6
28S
28T
Industrial
(-40
°C to 85°C)
90
40
0.1
AT28HC64B-90JI
AT28HC64B-90PI
AT28HC64B-90SI
AT28HC64B-90TI
32J
28P6
28S
28T
120
40
0.1
AT28HC64B-12JI
AT28HC64B-12PI
AT28HC64B-12SI
AT28HC64B-12TI
32J
28P6
28S
28T
27.2
Green Package Option (Pb/Halide-free)
tACC
(ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
40
0.1
AT28HC64B-70TU
AT28HC64B-70JU
AT28HC64B-70SU
28T
32J
28S
Industrial
(-40
°C to 85°C)
90
40
0.1
AT28HC64B-90JU
AT28HC64B-90PU
AT28HC64B-90SU
AT28HC64B-90TU
32J
28P6
28S
28T
120
40
0.1
AT28HC64B-12JU
AT28HC64B-12SU
32J
28S
Package Type
32J
32-lead, Plastic J-leaded Chip Carrier (PLCC)
28P6
28-lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
28S
28-lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC)
28T
28-lead, Plastic Thin Small Outline Package (TSOP)
28. Valid Part Numbers
The following table lists standard Atmel products that can be ordered.
Device Numbers
Speed
Package and Temperature Combinations
AT28HC64B
70
JI, PI, SI, TI, TU, JU, SU
AT28HC64B
90
JI, JU, PI, PU, SI, SU, TI, TU
AT28HC64B
12
JI, JU, PI, PU, SI, SU, TI, TU
29. Die Products
Reference Section: Parallel EEPROM Die Products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com