Electronic Components Datasheet Search
  English  ▼

X  

PA95 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA95
Description  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA95 Datasheet(HTML) 3 Page - Cirrus Logic

  PA95 Datasheet HTML 1Page - Cirrus Logic PA95 Datasheet HTML 2Page - Cirrus Logic PA95 Datasheet HTML 3Page - Cirrus Logic PA95 Datasheet HTML 4Page - Cirrus Logic PA95 Datasheet HTML 5Page - Cirrus Logic PA95 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA95
PA95U

NOTES: 1. Unlessotherwisenoted:T
C=25°C,DCinputspecificationsare±valuegiven.Powersupplyvoltage
istypicalrating.C
c=4.7pF.
2. Longtermoperationatthemaximumjunctiontemperaturewillresultinreducedproductlife.Derate
internalpowerdissipationtoachievehighMTTF.
3. Althoughsupplyvoltagescanrangeupto±450Vtheinputpinscannotswingoverthisrange.The
inputpinsmustbeatleast30Vfromeithersupplyrailbutnotmorethan500Vfromeithersupplyrail.
Seetextforamorecompletedescriptionofthecommonmodevoltagerange.
4. Ratingappliesiftheoutputcurrentalternatesbetweenbothoutputtransistorsataratefasterthan
60Hz.
5. Deratemaxsupplyrating.625V/°Cbelow25°Ccase.Noderatingneededabove25°Ccase.
Parameter
Test Conditions
Min
Typ
Max
Units
GAIN
OPENLOOP@15Hz
R
L=5KΩ
94
118
dB
GAINBANDWIDTHPRODUCT@1MHz
R
L=5KΩ
10
MHz
POWERBANDWIDTH
R
L=5KΩ
20
kHz
PHASEMARGIN,A
V=10
Fulltemprange
60
°
OUTPUT
VOLTAGESWING
I
O=70mA
±V
SŦ24
±V
SŦ20
V
CURRENT,continuous
100
mA
SLEWRATE,A
V=100
C
C=4.7pF
30
V/µS
SETTLINGTIME,to0.1%
2VStep
1
µS
RESISTANCE
noload
100
Ω
POWER SUPPLY
VOLTAGE(Note5)
±50
±300
±450
V
CURRENT,quiescent
1.6
2.2
mA
THERMAL
RESISTANCE,AC,junctiontocase(Note4) Fulltemprange,F>60Hz
2.5
°C/W
RESISTANCE,DC,junctiontocase
Fulltemprange,F<60Hz
4.2
°C/W
RESISTANCE,junctiontoair
Fulltemprange
30
°C/W
TEMPERATURERANGE,case
-25
+85
°C
TYPICAL APPLICATION
Piezopositioningmaybeappliedtothefocusingofseg-
mented mirror systems. The composite mirror may be
composedofhundredsofelements,eachrequiringfocus-
ingundercomputercontrol.Insuchcomplexsystemsthe
PA95 reduces the costs of power supplies and cooling
withitsadvantagesoflowcostandlowquiescentpower
consumptionwhileincreasingcircuitdensitywiththeSIP
package.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com