Electronic Components Datasheet Search
  English  ▼

X  

ATF750LVC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATF750LVC
Description  High-speed Complex Programmable Logic Device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC Datasheet(HTML) 3 Page - ATMEL Corporation

  ATF750LVC Datasheet HTML 1Page - ATMEL Corporation ATF750LVC Datasheet HTML 2Page - ATMEL Corporation ATF750LVC Datasheet HTML 3Page - ATMEL Corporation ATF750LVC Datasheet HTML 4Page - ATMEL Corporation ATF750LVC Datasheet HTML 5Page - ATMEL Corporation ATF750LVC Datasheet HTML 6Page - ATMEL Corporation ATF750LVC Datasheet HTML 7Page - ATMEL Corporation ATF750LVC Datasheet HTML 8Page - ATMEL Corporation ATF750LVC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
1447F–PLD–11/08
ATF750LVC
6.
Clock Mux
7.
Output Options
4.
Absolute Maximum Ratings*
Temperature Under Bias.................................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1. Minimum voltage is -0.6V DC, which may under-
shoot to -2.0V for pulses of less than 20 ns.
Maximum output pin voltage is V
CC + 0.75V DC,
which may overshoot to 7V for pulses of less than
20 ns with VCC at VCC max.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground ............................................-2.0V to +7V(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V(1)
5.
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Ambient)
0°C - 70°C
-40°C - +85°C
VCC Power Supply
3.0 - 5.25V
3.0 - 5.5V
SELECT
LOGIC
TO
CELL
CLOCK
PRODUCT
TERM
CLK
CKi
CK MUX
PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com