Electronic Components Datasheet Search
  English  ▼

X  

SA01 Datasheet(PDF) 2 Page - Cirrus Logic

Part # SA01
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA01 Datasheet(HTML) 2 Page - Cirrus Logic

  SA01_07 Datasheet HTML 1Page - Cirrus Logic SA01_07 Datasheet HTML 2Page - Cirrus Logic SA01_07 Datasheet HTML 3Page - Cirrus Logic SA01_07 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S
100V
OUTPUT CURRENT, peak
30A
POWER DISSIPATION, internal
185W1
TEMPERATURE, pin solder - 10s
300°C
TEMPERATURE, junction2
150°C
TEMPERATURE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case –55 to +125°C
SHUTDOWN VOLTAGE
10V
REFERENCE LOAD CURRENT
10mA
ERROR AMP INPUT ±
0 to +12V
SA01 • SA01-6
SPECIFICATIONS
SA01
SA01-6
PARAMETER
TESTCONDITIONS2
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ERRORAMP
OFFSET VOLTAGE, initial
T
C = 25°C
10
*
mV
OFFSET VOLTAGE, vs. temperature
Full Temperature Range5
50
50
µV/°C
BIAS CURRENT, initial
T
C = 25°C
5
*
µA
BIAS CURRENT, vs. temperature
Full Temperature Range5
400
400
nA/°C
OFFSET CURRENT, initial
T
C = 25°C
1
*
µA
OFFSET CURRENT, vs. temperature
Full Temperature Range5
80
80
nA/°C
COMMON MODE VOLTAGE RANGE4
2
8
*
*
V
COMMON MODE REJECTION, DC4
75
*
dB
SLEW RATE
15
*
V/µS
OPEN LOOP GAIN4
75
*
dB
GAIN BANDWIDTH PRODUCT
2
*
MHz
OUTPUT
TOTAL R
ON
.25
*
Ω
EFFICIENCY, 10A OUTPUT
V
S = 100V
97
*
%
SWITCHING FREQUENCY
Full temperature range5
35.3
42
48.7
35
42
49
KHz
CURRENT, continuous4
20
*
A
CURRENT, peak4
30
*
A
REFERENCE
VOLTAGE
I
REF = 5mA
7.46
7.50
7.54
*
*
*
V
VOLTAGE VS. TEMP
Full temperature range5
50
50
PPM/°C
OUTPUT CURRENT
5
5
mA
LOAD REGULATION4
20
50
*
*
PPM/mA
LINE REGULATION
1
*
PPM/V
POWERSUPPLY
VOLTAGE
Full temperature range5
16
50
100
16
50
100
V
CURRENT
I
OUT = 0, IREF = 0,
76
90
76
93
mA
Full temperature range5
CURRENT, shutdown
I
REF = 0
25
*
mA
SHUTDOWN
TRIP POINT
.18
.22
*
*
V
INPUT CURRENT
100
*
nA
THERMAL2
RESISTANCE, junction to case4
Full temp range, for each transistor
1.0
*
°C/W
RESISTANCE, junction to air4
Full temperature range
12
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications5
–25
+85
–55
125
°C
The SA01 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION
NOTES: 1.
Each of the two active output transistors can dissipate 125W, however the N-channel will be about 1/3 of the total dissipated
power. Internal connection resistance is .05Ω.
2.
Unless otherwise noted: T
C = 25°C.
3.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF. For guidance, refer to the heatsink data sheet.
4.
Guaranteed but not tested.
5.
Full temperature range specifications apply to the operating case temperature range as specified under THERMAL. For the
SA01 these specifications are guaranteed but not tested. For the SA01-6 these specifications are tested over the SA01-6
operating case temperature range.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com