Electronic Components Datasheet Search
  English  ▼

X  

ML5800DM Datasheet(PDF) 15 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 15 Page - Micro Linear Corporation

Back Button ML5800DM Datasheet HTML 11Page - Micro Linear Corporation ML5800DM Datasheet HTML 12Page - Micro Linear Corporation ML5800DM Datasheet HTML 13Page - Micro Linear Corporation ML5800DM Datasheet HTML 14Page - Micro Linear Corporation ML5800DM Datasheet HTML 15Page - Micro Linear Corporation ML5800DM Datasheet HTML 16Page - Micro Linear Corporation ML5800DM Datasheet HTML 17Page - Micro Linear Corporation ML5800DM Datasheet HTML 18Page - Micro Linear Corporation ML5800DM Datasheet HTML 19Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
ML5800
DS5800-F-04
FINAL DATASHEET
JULY 2006
15
Table 2
gives the minimum times between transitions on the control interface for the ML5800 transceiver to work
correctly. Times t1, t2, and t4 are the minimum delays that the baseband design must allow before valid receive data is
expected on the DOUT pin.
SYMBOL
PARAMETER
WORST CASE TIMING
UNITS
tWAKE
Wait time from XCEN asserted to valid Receive data out
325
μs
tFH
Time from rising edge of Serial Bus EN to valid Receive data out (channel scan mode, one
channel hop, PLL re-locking triggered by rising EN).
125
μs
tTX2RX
Time from rising edge of RXON to valid Receive data out
120
μs
tRX2TX
Time from falling edge on RXON to start of valid data on DIN pin. Note that RF energy will
be present on TXO during this period but PAON will be unasserted.
62.5
μs
tMAX
Maximum TX or RX time under steady state operating temperatures (<±2°C/minute)
60
s
tED
Time from rising edge on RXON to end of valid data on DIN pin (Start of PLL Freq. shift)
6
μs
Table 2: Transceiver Control Interface Timing
RF CONTROL: XCEN, RXON, FREF, RSSI, PAON & TPC
The XCEN pin enables/disables the ML5800 and places the device in either standby or active modes. The default
power up is in RECEIVE mode.
The RXON pin determines which active mode the ML5800 is in: RECEIVE or TRANSMIT.
The FREF pin is the master reference frequency for the transceiver. It supplies the frequency reference for the RF
channel frequency and the on-chip filter tuning. The FREF pin is a CMOS input with on-chip biasing resistors. It can be
driven by an AC coupled sine-wave source or by a CMOS logic output. FREF is used as a calibration frequency and as
a timing reference in the control circuits. The reference source must be accurate to 20 PPM.
The RSSI pin supplies a voltage that indicates the amplitude of the received RF signal. It is connected to the input of a
low-speed ADC on the baseband IC, and is used during channel scanning to detect clear channels on which the radio
can transmit. The RSSI (Received Signal Strength Indicator) voltage is proportional to the logarithm of the received
power level.
The ML5800 has two output pins that control and sequence the power amplifier (PA): PAON and AOUT_TPC.
The PAON (PA control) is a 5mA CMOS output that controls an off-chip RF PA and T/R switch (can directly drive PIN
diodes). It outputs a logic high when the PA should be enabled and a logic low at all other times. This output is inhibited
when the PLL fails to lock.
When digital data output (DOUT) is used, the AOUT_TPC pin is an open-drain output intended for transmit power
control (TPC). It is configured by Bit 4 in Register 0 (AOUT) and when selected as a TPC output, reflects the state of Bit
7 in Register 0 (TPC). The TPC register bit can be changed at any time, but the AOUT_TPC pin does not change state
until the beginning of the next transmit slot, triggered by a falling edge on RXON. In analog data output mode, the
AOUT_TPC pin becomes the analog data output to an off-chip data slicer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com