Electronic Components Datasheet Search
  English  ▼

X  

ML5805 Datasheet(PDF) 1 Page - RF Micro Devices

Part # ML5805
Description  5.8GHz Variable Data Rate FSK Transceiver with Integrated PA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ML5805 Datasheet(HTML) 1 Page - RF Micro Devices

  ML5805 Datasheet HTML 1Page - RF Micro Devices ML5805 Datasheet HTML 2Page - RF Micro Devices ML5805 Datasheet HTML 3Page - RF Micro Devices ML5805 Datasheet HTML 4Page - RF Micro Devices ML5805 Datasheet HTML 5Page - RF Micro Devices ML5805 Datasheet HTML 6Page - RF Micro Devices ML5805 Datasheet HTML 7Page - RF Micro Devices ML5805 Datasheet HTML 8Page - RF Micro Devices ML5805 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
ML5805
5.8GHz Variable Data Rate FSK
Transceiver with Integrated PA
Preliminary Data Sheet
APRIL 2008
EDS-106041 REV P01
GENERAL DESCRIPTION
The ML5805 is a single chip fully integrated Frequency Shift
Keyed (FSK) transceiver developed for a variety of
applications operating in the 5.725GHz to 5.850GHz
unlicensed ISM band. The ML5805 is mode selectable for
operation with digital cordless phones (DSSS or DECT) and
higher data rate streaming applications like wireless audio
and video.
The ML5805 contains a dual-conversion low-IF receiver with
all channel selectivity on chip. IF filtering, IF gain, and
demodulation are performed on-chip, eliminating the need for
any external IF filters or production tuning. A post detection
filter and a data slicer are integrated to complete the receiver.
The ML5805 transmitter uses an adjustment-free closed loop
modulator, which modulates the on-chip VCO with filtered
data. The ML5805 includes an upconversion mixer, a
buffer/predriver, and a power amplifier to produce a typical
output power of +21dBm. A fully integrated fractional
synthesizer is used in both receive and transmit modes.
Power supply regulation is included in the ML5805, providing
circuit isolation and consistent performance over supply
voltages between 2.8V-3.6V.
PIN CONFIGURATION (TOP VIEW)
ORDERING INFORMATION
PART NUMBER TEMP RANGE
PACKAGE
PACK (QTY)
ML5805DM
-10
oC to +60oC 40 QFN 6x6 mm Antistatic Tray (490)
ML5805DM-T
-10
oC to +60oC 40 QFN 6x6 mm Tape & Reel (2500)
FEATURES
Highly integrated 5.8GHz FSK Transceiver with
selectable data rates; 576kbps, 1.152Mbps,
1.536Mbps, 1.755Mpbs, 2.048Mbps
Fractional-N synthesizer with 30 Hz resolution
Low-IF receiver eliminates external IF filters
Fully integrated digital FIR Tx data filter, IF filters,
FM discriminator, and Rx data filter.
Self-calibrating VCO and filters eliminate tuning.
Operating Modes include DSSS-DCT, DECT, and
high rate (2.048Mbps) for wireless audio and video
-97dBm sensitivity (0.1%BER) with Integrated LNA
+21dBm typical output power from Integrated PA
Includes FastWave™ embedded wireless
microcontroller technology
Simple 3-wire control interface
TR PIN diode or FET switch driver outputs
Analog RSSI output: 35mV/dB
Selectable Rx clock recovery output
40 QFN package (6mm x 6mm)
APPLICATIONS
Digital Cordless Telephones DSSS & DECT
Wireless Streaming Audio and Video
Wireless Data Links
BLOCK DIAGRAM


Similar Part No. - ML5805

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800 Datasheet
277Kb / 25P
5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800DM MICRO-LINEAR-ML5800DM Datasheet
1Mb / 24P
5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800DM MICRO-LINEAR-ML5800DM Datasheet
277Kb / 25P
5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800DM-T MICRO-LINEAR-ML5800DM-T Datasheet
1Mb / 24P
5.8GHz Low-IF 1.5Mbps FSK Transceiver
More results

Similar Description - ML5805

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
5.8GHz Low-IF 1.5Mbps FSK Transceiver
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
2.4GHz FSK Transceiver
logo
Micro Linear Corporatio...
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
5.8GHz Low-IF 1.5Mbps FSK Transceiver
logo
Semtech Corporation
SX1233 SEMTECH-SX1233 Datasheet
1Mb / 81P
High Bit Rate Transceiver Low Power Integrated UHF Transceiver
SX1231H SEMTECH-SX1231H Datasheet
970Kb / 82P
Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
SX1231J SEMTECH-SX1231J Datasheet
970Kb / 82P
Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
logo
Maxim Integrated Produc...
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
logo
Microchip Technology
MCP25612FD MICROCHIP-MCP25612FD Datasheet
542Kb / 26P
Dual CAN Flexible Data-Rate Transceiver
01/27/15
logo
Texas Instruments
TCAN4550-Q1 TI1-TCAN4550-Q1_19 Datasheet
1Mb / 142P
Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
TCAN4551-Q1 TI1-TCAN4551-Q1 Datasheet
1Mb / 138P
TCAN4551-Q1 Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com