Electronic Components Datasheet Search
  English  ▼

X  

ML5825DM-T Datasheet(PDF) 9 Page - SIRENZA MICRODEVICES

Part # ML5825DM-T
Description  2.4GHz to 5.8GHz Frequency Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

ML5825DM-T Datasheet(HTML) 9 Page - SIRENZA MICRODEVICES

Back Button ML5825DM-T Datasheet HTML 4Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 5Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 6Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 7Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 8Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 9Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 10Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 11Page - SIRENZA MICRODEVICES ML5825DM-T Datasheet HTML 12Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ML5825
ADVANCED DATASHEET
SEPTEMBER 2007
EDS-106038 REV A01
9
FUNCTIONAL DESCRIPTION
The ML5825 is a monolithic, bilateral 2.4GHz to 5.8GHz frequency translator. It provides a simple and straightforward
solution for designers of 2.4GHz products who want to develop advanced products for the relatively interference-free
5.8GHz band, especially digital cordless telephones. The ML5825 can implement “dual band” solutions that use both
the 2.4GHz and 5.8GHz bands as well as “hybrid” products where one link (say, basestation transmission) is at 5.8GHz,
while the other link (basestation receive) is at 2.4GHz.
5.8GHz signals enter the RXI pin and then are fed to an LNA and bandpass filter. An image-reject downconvert mixer
translates the signal to the 2.4GHz ISM band where it is then buffered and sent off chip differentially on RXON/RXOP.
The receive signal path can be configured for either a “High Gain” mode (about 13dB) or “Low Gain” mode (-8dB). Gain
mode is selected via the RXGN digital input pin. High Gain mode is used for low-level input signals to minimize Noise
Figure while Low Gain mode optimizes input IP3 for stronger signals.
2.4GHz signals come into the ML5825 differentially on the TXIP/TXIN pins, where they are upconverted to 5.8GHz,
bandpass filtered, and then amplified and exit via TXO. The predriver/buffer output power compression point is
programmed by an external resistor that sets the preamp bias level.
A fully integrated phase locked loop (PLL) generates the fixed local oscillator (LO) at 3342.336 MHz which is used for
upconverting and downconverting the RF signals. The comparison frequency of the PLL is derived from the frequency
reference present on the FREF pin and the state of REFSEL as shown in Table 1. The PLL loop filter is external to the
ML5825 so that lock time and in-band phase noise can be optimized for the system of interest.
REFSEL
REFERENCE
DIVISION
FREF
VIL
3
18.432 MHz
VIH
4
24.576 MHz
Table 1: ML5825 Frequency References
The ML5825 contains two separate bandgap references and several low dropout (LDO) voltage regulators to insure
consistent performance over supply voltage and minimize crosstalk on chip. The device is enabled by bringing XCEN to
VIH and is placed in transmit mode by setting TXON to VIH. With XCEN at VIL the ML5825 enters a low power standby
mode.
MODES OF OPERATION
The ML5825 has three key modes of operation. The two operational modes are RECEIVE and TRANSMIT, controlled
by TXON. XCEN is the chip enable/disable control pin, which sets the device in operational or STANDBY modes. The
relationship between the parallel control lines and the mode of operation of the IC is summarized in Table 2.
XCEN
TXON
MODE NAME
FUNCTION
0
X
STANDBY
Standby. All circuits powered down
1
0
RECEIVE
Receive Chain Active
1
1
TRANSMIT
Transmit Chain Active
Table 2: Modes of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com