Electronic Components Datasheet Search
  English  ▼

X  

AT18F040 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT18F040
Description  FPGA Configuration Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT18F040 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT18F040 Datasheet HTML 1Page - ATMEL Corporation AT18F040 Datasheet HTML 2Page - ATMEL Corporation AT18F040 Datasheet HTML 3Page - ATMEL Corporation AT18F040 Datasheet HTML 4Page - ATMEL Corporation AT18F040 Datasheet HTML 5Page - ATMEL Corporation AT18F040 Datasheet HTML 6Page - ATMEL Corporation AT18F040 Datasheet HTML 7Page - ATMEL Corporation AT18F040 Datasheet HTML 8Page - ATMEL Corporation AT18F040 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
• Very Low-cost Configuration Memory
• Programmable 1,048,576 x 1, 2,097,152 x 1, 4,194,304 x 1 and 7,340,032 x 1-bit Serial
Memories Designed to Store Configuration Programs for Field Programmable Gate
Arrays (FPGAs)
• 1.8V, 2.5V, and 3.3V I/O
• 3.3V Supply Voltage
• Program Support using an Atmel Programmer or Industry-standard Third Party
Programmers
• In-System Programmable (ISP) via JTAG Interface (IEEE 1532)
• IEEE 1149.1 Boundary-scan Testability
• Simple Interface to SRAM FPGAs
• Pin Compatible with Xilinx® XCFxxS Series Platform Flash PROM to Configure Xilinx
Spartan® and Virtex® FPGAs
• Cascadable Read-back to Support Additional Configurations or Higher-density FPGAs
• Low-power CMOS FLASH Process
• Available in 20-lead TSSOP Package
• Low-power Standby Mode
• Fast Serial Download Speeds up to 33 MHz
• Endurance: 100,000 Write Cycles Typical
• Green (Pb/Halide-free/RoHS Compliant) Package
• Functionally-compatible with Existing AT17 Series Configuration Memories to
Configure Atmel AT40KAL Series FPGAs
1.
Description
The AT18F Series of JTAG In-System Programmable Configuration PROMs (Configu-
rators) provide an easy-to-use, cost-effective configuration memory for Field
Programmable Gate Arrays. The AT18F Series device is packaged in a 20-lead
TSSOP. The AT18F Series Configurator uses a simple serial-access procedure to
configure one or more FPGA devices.
The AT18F Series Configurators can be programmed with Atmel or industry-standard,
third-party, stand-alone programmers such as BP, Data I/O, Hi-Lo, etc.
AT18F Series Configuration Memory Offering
AT18F010
AT18F002
AT18F040
AT18F080
Density
1 Mbit
2 Mbit
4 Mbit
7 Mbit
JTAG Programming
Yes
VCCINT
3.3V
VCCO
1.8-3.3V
VCCJ
1.8-3.3V
Configuration Clock
33 MHz
Package
20-lead TSSOP
Green Package
Yes
FPGA
Configuration
Flash Memory
AT18F010
AT18F002
AT18F040
AT18F080
Preliminary
3672A–CNFG–1/08


Similar Part No. - AT18F040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT18F040 ATMEL-AT18F040_14 Datasheet
348Kb / 16P
Very Low-cost Configuration Memory
More results

Similar Description - AT18F040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
FPGA CONFIGURATION FLASH MEMORY
AT17F16 ATMEL-AT17F16 Datasheet
217Kb / 18P
FPGA Configuration Flash Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
FPGA Configuration Flash Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
FPGA Configuration Flash Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
FPGA Configuration Memory
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
FPGA Configuration Flash Memory
AT17F16 ATMEL-AT17F16_08 Datasheet
333Kb / 20P
FPGA Configuration Flash Memory
AT17F32 ATMEL-AT17F32 Datasheet
252Kb / 14P
FPGA Configuration Flash Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
FPGA Configuration Flash Memory
AT17F32A ATMEL-AT17F32A Datasheet
190Kb / 14P
FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com