Electronic Components Datasheet Search
  English  ▼

X  

AT26DF161 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT26DF161
Description  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT26DF161 Datasheet HTML 20Page - ATMEL Corporation AT26DF161 Datasheet HTML 21Page - ATMEL Corporation AT26DF161 Datasheet HTML 22Page - ATMEL Corporation AT26DF161 Datasheet HTML 23Page - ATMEL Corporation AT26DF161 Datasheet HTML 24Page - ATMEL Corporation AT26DF161 Datasheet HTML 25Page - ATMEL Corporation AT26DF161 Datasheet HTML 26Page - ATMEL Corporation AT26DF161 Datasheet HTML 27Page - ATMEL Corporation AT26DF161 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
24
3599G–DFLASH–8/08
AT26DF161
Figure 11-1. Read Manufacturer and Device ID
11.2
Deep Power-Down
During normal operation, the device will be placed in the standby mode to consume less power
as long as the CS pin remains deasserted and no internal operation is in progress. The Deep
Power-Down command offers the ability to place the device into an even lower power consump-
tion state called the Deep Power-Down mode.
When the device is in the Deep Power-Down mode, all commands including the Read Status
Register command will be ignored with the exception of the Resume from Deep Power-Down
command. Since all commands will be ignored, the mode can be used as an extra protection
mechanism against program and erase operations.
Entering the Deep Power-Down mode is accomplished by simply asserting the CS pin, clocking
in the opcode of B9h, and then deasserting the CS pin. Any additional data clocked into the
device after the opcode will be ignored. When the CS pin is deasserted, the device will enter the
Deep Power-Down mode within the maximum time of t
EDPD.
The complete opcode must be clocked in before the CS pin is deasserted; otherwise, the device
will abort the operation and return to the standby mode once the CS pin is deasserted. In addi-
tion, the device will default to the standby mode after a power-cycle or a device reset.
The Deep Power-Down command will be ignored if an internally self-timed operation such as a
program or erase cycle is in progress. The Deep Power-Down command must be reissued after
the internally self-timed operation has been completed in order for the device to enter the Deep
Power-Down mode.
SCK
CS
SI
SO
6
0
9Fh
8
7
38
OPCODE
1Fh
46h
00h
00h
MANUFACTURER ID
DEVICE ID
BYTE 1
DEVICE ID
BYTE 2
EXTENDED
DEVICE
INFORMATION
STRING LENGTH
HIGH-IMPEDANCE
14
16
15
22
24
23
30
32
31
Note: Each transition
shown for SI and SO represents one byte (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com